Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA3354 Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # ILA3354
Description  IC for Electronic Ballasts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILA3354 Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  ILA3354 Datasheet HTML 1Page - IK Semicon Co., Ltd ILA3354 Datasheet HTML 2Page - IK Semicon Co., Ltd ILA3354 Datasheet HTML 3Page - IK Semicon Co., Ltd ILA3354 Datasheet HTML 4Page - IK Semicon Co., Ltd ILA3354 Datasheet HTML 5Page - IK Semicon Co., Ltd ILA3354 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ILA3354
Package Dimension
N SUFFIX PLASTIC DIP
(MS – 001BA)
Symbol
MIN
MAX
A
8.51
10.16
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
10°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
Dimension, mm
2.54
7.62
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
8
4
5
6


Similar Part No. - ILA3354

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354 Datasheet
249Kb / 6P
   IC for Electronic Ballasts
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
   IC for Electronic Ballasts
More results

Similar Description - ILA3354

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
TFA3351 GSG-TFA3351 Datasheet
140Kb / 12P
   IC for Electronic Ballasts
logo
KODENSHI_AUK CORP.
KKA3354 KODENSHI-KKA3354 Datasheet
235Kb / 6P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3351 ETC2-TFA3351 Datasheet
104Kb / 12P
   IC for Electronic Ballasts
logo
Integral Corp.
ILA3354 INTEGRAL-ILA3354 Datasheet
217Kb / 6P
   IC for Electronic Ballasts
logo
Gunter Seniconductor Gm...
TFA3354 GSG-TFA3354 Datasheet
129Kb / 12P
   IC for Electronic Ballasts
logo
IK Semicon Co., Ltd
ILA3354 IKSEMICON-ILA3354_11 Datasheet
249Kb / 6P
   IC for Electronic Ballasts
logo
List of Unclassifed Man...
TFA3354 ETC-TFA3354 Datasheet
123Kb / 12P
   Control and Monitoring IC for Electronic Ballasts
logo
JILIN SINO-MICROELECTRO...
3DD4243DY JSMC-3DD4243DY Datasheet
264Kb / 5P
   Electronic ballasts
logo
STMicroelectronics
VK06TL STMICROELECTRONICS-VK06TL Datasheet
33Kb / 2P
   ELECTRONIC DRIVER FOR TL BALLASTS
logo
Cirrus Logic
CS1601 CIRRUS-CS1601 Datasheet
816Kb / 16P
   Digital PFC Controller for Electronic Ballasts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com