Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL494D Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL494D
Description  PWM Control Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL494D Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL494D Datasheet HTML 1Page - IK Semicon Co., Ltd IL494D Datasheet HTML 2Page - IK Semicon Co., Ltd IL494D Datasheet HTML 3Page - IK Semicon Co., Ltd IL494D Datasheet HTML 4Page - IK Semicon Co., Ltd IL494D Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IL494A
Rev. 00
ELECTRICAL CHARACTERISTICS (Temperature -20 ∼ 85°C, VCC = 15 V, f=10 kHz))
Symbol
Parameter
Test Conditions
Min
Max
Unit
Reference Section
Vref
Output Voltage
IO=1 mA
4.95
5.05
V
Vregin
Output regulation
VCC=7 V to 40 V, TA=25°C
25
mV
Vregout
Input regulation
IO=1 to 10 mA, TA=25°C
15
mV
ΔV
ref
Output Voltage change with
temperature
TA= -20°C to 85°C
1
%
ISC
Short-circuit output current
(Note 1)
Vref=0
50
mA
Oscillator Section
fOSC
Frequency
CT=0.01 μF, RT=12 kΩ
6
14
KHz
δf
OSC
Standard deviation of
frequency (Note 2)
All values of VCC, CT, RT, TA
Constant
15
%
δf
OSC(
ΔV)
Frequency change with
voltage
VCC= 7 V to 40 V,
TA=25°C
10
%
δf
OSC(
ΔT)
Frequency change with
temperature
CT=0.01 μF, RT=12 kΩ
TA= -20°C to 85°C
2
%
Dead Time Control Section
IIB(2T)
Input bias current (pin 4)
VI= 0 to 5.25 V
-10
μA
DCmax
Maximum duty cycle, each
output
VI(pin 4)=0 V
45
%
VTHD
Input threshold voltage
Zero duty cycle
3.3
V
(pin 4)
Maximum duty cycle
0
Error Amp Section
VIO
Input offset voltage
VO(pin 3)=2.5 V
10
mV
IIO
Input offset current
VO(pin 3)=2.5 V
250
nA
IIB
Input bias current
VO(pin 3)=2.5 V
1
μA
Common-mode input
VCC= 7 V to 40 V
LOW
-0.3
V
voltage range
HIGH
VCC - 2
Avol
Open-loop voltage
amplification
ΔV
O=3 V, VO=0.5 to 3.5 V
70
dB
fb
Unity-gain bandwidth
100
kHz
CMRR
Common-mode rejection
ratio
VCC=40 V, TA=25°C
65
dB
IO
Output sink current (pin 3)
VID=-15 mV to -5 V,
VO(pin 3)=0.7 V
0.3
mA
IO+
Output source current
(pin 3)
VID=15 mV to 5 V,
VO(pin 3)=3.5 V
-2
mA


Similar Part No. - IL494D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL494D INTEGRAL-IL494D Datasheet
169Kb / 4P
   PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494D IKSEMICON-IL494D Datasheet
230Kb / 5P
   PWM Control Circuit
IL494D IKSEMICON-IL494D Datasheet
411Kb / 9P
   PWM Control Circuit
IL494D IKSEMICON-IL494D Datasheet
746Kb / 9P
   PWM Control Circuit
IL494DT IKSEMICON-IL494DT Datasheet
411Kb / 9P
   PWM Control Circuit
More results

Similar Description - IL494D

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK494 KODENSHI-KK494 Datasheet
265Kb / 5P
   PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494 IKSEMICON-IL494_11 Datasheet
411Kb / 9P
   PWM Control Circuit
IL494 IKSEMICON-IL494_16 Datasheet
746Kb / 9P
   PWM Control Circuit
logo
System Logic Semiconduc...
SL494 SLS-SL494 Datasheet
38Kb / 4P
   PWM Control Circuit
logo
Hynix Semiconductor
GL494 HYNIX-GL494 Datasheet
94Kb / 7P
   PWM CONTROL CIRCUIT
logo
Integral Corp.
IL494 INTEGRAL-IL494 Datasheet
169Kb / 4P
   PWM Control Circuit
logo
IK Semicon Co., Ltd
IL494A IKSEMICON-IL494A_09 Datasheet
334Kb / 9P
   PWM Control Circuit
IL494 IKSEMICON-IL494 Datasheet
230Kb / 5P
   PWM Control Circuit
IL494A IKSEMICON-IL494A_16 Datasheet
696Kb / 9P
   PWM Control Circuit
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com