Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSH100T Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # HSH100T
Description  .050 HEADER SET .050 X .050 [1.27 X 1.27] CENTERLINE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

HSH100T Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  HSH100T Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
245
PCB LAYOUT
PIN 2
PIN 1
ø .051
[
ø1.30]
.126 X .027
[3.20 X 0.70]
.126 X .027
[3.20 X 0.70]
ø .051
[ø1.30]
PCB LAYOUT
A = .050 X No. of Spaces + .168 [4.27]
B = .050 X No. of Spaces + .074 [1.87]
C = .050 X No. of Spaces
D = .050 X No. of Spaces + .120 [3.05]
.016 [0.40] SQ.
PIN 1
PIN 2
A = .050 X No. of Spaces + .168 [4.27]
B = .050 X No. of Spaces + .074 [1.87]
C = .050 X No. of Spaces
ø .026 [ø 0.65]
PCB LAYOUT
.016 [0.40] SQ.
PIN 1
PIN 2
.050 [1.27]
C
B
.050 [1.27]
.130 [3.30]
A
.211
[5.35]
.050
[1.27]
.213
[5.40]
.094 [2.40]
.050 [1.27]
C
C
B
A
.050 [1.27]
.213
[5.40]
.211
[5.35]
.236
[6.00]
ø .027
[ø .70]
.039
[1.00]
ø .039
[ø 1.00]
C
.050 [1.27]
D
.050 [1.27]
.050 [1.27]
B
.050 [1.27]
C
B
.216
[5.50]
.050 [1.27]
B
A
.118
[3.00]
.144
[3.65]
.054
[1.38]
C
ø .047 [ø 1.20]
ø .033
[ø 0.85]
.173
[4.40]
.050
[1.27]
.016 X .005
[0.40 X 0.12]
.050 [1.27]
B
A
.025 [0.65]
.050 [1.27]
.106
[2.70]
.118
[3.00]
.144
[3.65]
.173
[4.40]
.016 X .005
[0.40 X 0.12]
Standard: With key & without peg
Standard: With key & with peg
Standard: With key & without peg
Standard: With key & with peg
A = .050 X No. of Spaces + .068 [1.73]
B = .050 X No. of Spaces
C = .050 X No. of Spaces + .120 [3.05]
A = .050 X No. of Spaces + .068 [1.73]
B = .050 X No. of Spaces
C = .050 X No. of Spaces + .120 [3.05]
.050" HEADER SET
.050" X .050" [1.27 X 1.27] CENTERLINE
HSH & HFH SERIES
MALE HEADER
FEMALE HEADER
HSH
50
G
SERIES
INDICATOR
HSH = .050"
Shrouded
header
PLATING
G = Gold plated
T = Tin plated
SG = Gold plating
in contact
area, tin
plated
solder tails
ORDERING INFORMATION
OPTIONS:
SMT = Surface mount leads with
Hi-Temp insulator
P = Peg option (thru hole only)
OPTIONS:
SMT = Surface mount leads
with Hi-Temp insulator
NP = No peg
NK = No Key
P = Peg option (thru hole only)
TOTAL
POSITIONS
10 thru 100
HFH
50
G
SERIES
INDICATOR
HFH = .050"
Female
header
PLATING
G = Gold plated
T
= Tin plated
SG = Gold plating
in contact
area, tin
plated
solder tails
ORDERING INFORMATION
TOTAL
POSITIONS
10 thru 100
Recommended PCB Layout
Recommended PCB Layout
Recommended PCB Layout
Recommended PCB Layout
HSH SERIES
SHROUDED MALE HEADER
HSH-SMT SERIES
SHROUDED MALE HEADER
HFH SERIES
SHROUDED FEMALE HEADER
HFH-SMT SERIES
SHROUDED FEMALE HEADER


Similar Part No. - HSH100T

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
HSH1000CEO PERKINELMER-HSH1000CEO Datasheet
45Kb / 2P
   Lamps for Photolithography
HSH1000KS PERKINELMER-HSH1000KS Datasheet
45Kb / 2P
   Lamps for Photolithography
HSH1000NEO PERKINELMER-HSH1000NEO Datasheet
46Kb / 2P
   Lamps for Photolithography
HSH1000UEO PERKINELMER-HSH1000UEO Datasheet
47Kb / 2P
   Lamps for Photolithography
HSH1002CEO PERKINELMER-HSH1002CEO Datasheet
45Kb / 2P
   Lamps for Photolithography
More results

Similar Description - HSH100T

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
HPH2-A ADAM-TECH-HPH2-A Datasheet
173Kb / 1P
   .050 PIN HEADERS .050 [1.27] CENTERLINE
HPH1-A ADAM-TECH-HPH1-A Datasheet
211Kb / 1P
   .050 PIN HEADERS .050 [1.27] CENTERLINE
HRS1A50GA ADAM-TECH-HRS1A50GA Datasheet
143Kb / 1P
   .050 RECEPTACLE STRIPS .050 [1.27] CENTERLINE
HPH2B100SGA ADAM-TECH-HPH2B100SGA Datasheet
164Kb / 1P
   .050 PIN HEADERS .050 [1.27] CENTERLINE
logo
Samtec, Inc
SFC SAMTEC-SFC Datasheet
324Kb / 1P
   (1.27 mm) .050
logo
Adam Technologies, Inc.
HDCE188G ADAM-TECH-HDCE188G Datasheet
185Kb / 2P
   HIGH DENSITY CARD EDGE .050 [1.27] CENTERLINE EISA CONNECTOR
HBHR20VSG ADAM-TECH-HBHR20VSG Datasheet
128Kb / 1P
   .050 BOX HEADERS .050 X .050 & .050 X .100
logo
Molex Electronics Ltd.
45970 MOLEX-45970 Datasheet
200Kb / 2P
   1.27 by 1.27mm (.050 by .050?? Pitch SEARAY* Connector
logo
Samtec, Inc
CLP SAMTEC-CLP Datasheet
252Kb / 1P
   (1.27 mm) .050" PITCH • CLP SERIES
2021
TFC-106-01-F-D-RA SAMTEC-TFC-106-01-F-D-RA Datasheet
324Kb / 1P
   (1.27 mm) .050" PITCH • COST-EFFECTIVE HEADER/SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com