Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74VHCT373 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74VHCT373
Description  Octal d-type latch (3-state)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74VHCT373 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74VHCT373 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74VHCT373 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74VHCT373 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74VHCT373 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74VHCT373 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74VHCT373 Datasheet HTML 6Page - IK Semicon Co., Ltd IN74VHCT373 Datasheet HTML 7Page - IK Semicon Co., Ltd IN74VHCT373 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IN74VHCT373
DC electrical characteristics
Value
25
°C
–40
to 85
°C
Symbo
l
Parameter
Test conditions
VCC,
V
min
max
min
max
Unit
VIH High input voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1
4.5 –
5.5
2.0
-
2.0
-
V
VIL Low input voltage
VO ≤ 0.1 V or
VO ≥ VCC –0.1
4.5 –
5.5
0.8
0.8
4.5
4.42
4.4
VI = VIH or VIL
IO = -50 mkA
5.5
5.42
5.4
VOH High output voltage
VI = VIH or VIL;
IO = -8 mA
4.5
3.94
3.80
4.5
0.09
0.1
VI = VIH or VIL
IO = 50 mkA
5.5
0.09
0.1
VOL Low output voltage
VI = VIH or VIL
IO = 8 mA
4.5
0.36
0.44
IOZ
Output
current
in
"off" state
VI = 2.0V
VO = VCC or 0V
5.5
-
±0.25
-
±2.5
II
Input current
VI = 0 V or VCC
5.5
±0.1
±1.0
IIH1 High
level
input
current
VI = 5.5V
0
-
±0.1
-
±1.0
uA
ICC
Consumption current VI =VCC or 0V 5.5
-
4.0
-
40.0
ICCT TTL-input
consumption current
VI
=
3.4
V
5.5
-
1.35
-
1.5
mA
4


Similar Part No. - IN74VHCT373

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
IN74VHCT373DW INTEGRAL-IN74VHCT373DW Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
IN74VHCT373N INTEGRAL-IN74VHCT373N Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results

Similar Description - IN74VHCT373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HC573 ONSEMI-MM74HC573 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC573WMX FAIRCHILD-MM74HC573WMX Datasheet
104Kb / 8P
   3-STATE Octal D-Type Latch
MM74HC373 FAIRCHILD-MM74HC373 Datasheet
91Kb / 7P
   3-STATE Octal D-Type Latch
MM74HC573 FAIRCHILD-MM74HC573_05 Datasheet
103Kb / 8P
   3-STATE Octal D-Type Latch
logo
ON Semiconductor
MM74HC373 ONSEMI-MM74HC373 Datasheet
208Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com