Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P40A-0P2J Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # P40A-0P2J
Description  15~40WAC-DC Single Output Desktop
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

P40A-0P2J Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  P40A-0P2J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. P40A-0P2J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U S P - 2 2 5 series
U S P - 2 2 5 series
MechanicalSpecification
DeratingCurve
StaticCharacteristics
Plug Assignment
FileName:P40A-SPEC 2008-05-08
Unit:mm
18
POWERLED
106
108
36
ID2.1xOD5.5
11
Ta(
)
0
10
20
30
100
40
60
Standardplug:P2J(option)
P/N
CENTER
OUTPUT
+
P2J
INPUTVOLTAGE
0
50
60
70
60
100
260
80
90
100
80
15~40W AC-DCSingleOutputDesktop
P 4 0 A series
69.9
RUBBERFOOTX4
NAMEPLATE
R1
3
16AWGSPT-11230+100/-0for3.3V,5V
16AWGSPT-11830+100/-0for7.5V
18AWGSPT-11830+100/-0forothers


Similar Part No. - P40A-0P2J

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P40A24D3305 HY-LINE-P40A24D3305 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
P40A24S05 HY-LINE-P40A24S05 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
P40A24S12 HY-LINE-P40A24S12 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
P40A24S15 HY-LINE-P40A24S15 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
P40A24S3P3 HY-LINE-P40A24S3P3 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
More results

Similar Description - P40A-0P2J

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P40B MEANWELL-P40B Datasheet
156Kb / 2P
   15~40WAC-DC Single Output Desktop
GS40 MEANWELL-GS40 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
   40WAC-DC Single Output Desktop
GS40 MEANWELL-GS40_12 Datasheet
148Kb / 2P
   40WAC-DC Single Output Desktop
GS18A MEANWELL-GS18A_11 Datasheet
175Kb / 2P
   15~18WAC-DC Single Output Desktop
GS18B MEANWELL-GS18B_11 Datasheet
175Kb / 2P
   15~18WAC-DC Single Output Desktop
GA18A MEANWELL-GA18A_12 Datasheet
193Kb / 2P
   15~18WAC-DC Single Output Desktop
logo
Wall Industries,Inc.
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU16 WALL-DTSPU16 Datasheet
175Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com