Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN7440D Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN7440D
Description  Dual 4-Input Positive-NAND Buffers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN7440D Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN7440D Datasheet HTML 1Page - IK Semicon Co., Ltd IN7440D Datasheet HTML 2Page - IK Semicon Co., Ltd IN7440D Datasheet HTML 3Page - IK Semicon Co., Ltd IN7440D Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN7440
N SUFFIX PLASTIC DIP
(MS - 001AA)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AB)
Symbol
MIN
MAX
A
8.55
8.75
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
Dimension, mm
1.27
5.27
2.54
7.62
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
4


Similar Part No. - IN7440D

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN7440D INTEGRAL-IN7440D Datasheet
196Kb / 4P
   Dual 4-Input Positive-NAND Buffers
More results

Similar Description - IN7440D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS1020A TI1-SN74ALS1020A Datasheet
59Kb / 3P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN5440 TI-SN5440 Datasheet
196Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS40 RENESAS-HD74LS40 Datasheet
146Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
Texas Instruments
SN5440 TI1-SN5440_14 Datasheet
437Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
SN54ALS40A TI-SN54ALS40A Datasheet
68Kb / 2P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Integral Corp.
IN7440 INTEGRAL-IN7440 Datasheet
196Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
KODENSHI_AUK CORP.
KK7440 KODENSHI-KK7440 Datasheet
209Kb / 4P
   Dual 4-Input Positive-NAND Buffers
logo
Hitachi Semiconductor
HD74LS40 HITACHI-HD74LS40 Datasheet
45Kb / 5P
   Dual 4-input Positive NAND Buffers
logo
Texas Instruments
SN54ALS40A TI1-SN54ALS40A_08 Datasheet
59Kb / 3P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND BUFFERS
logo
Renesas Technology Corp
HD74LS37 RENESAS-HD74LS37 Datasheet
57Kb / 5P
   Quadruple 2-input Positive NAND Buffers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com