Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV620 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74LV620
Description  OCTAL 3-STATE INVERTING BUS TRANSCEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LV620 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74LV620 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LV620 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LV620 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LV620 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74LV620 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74LV620 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74LV620
DC electrical characteristics
Value
25
°C
From -
40
°C to
85
°C
From -
40
°C to
125
°C
Symb
ol
Parameter
Test
conditions
VCC,
V
min max min max min max
Unit
VIH High input voltage
VO = VCC-0.1 V
1.2
2.0
3.0
3.6
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
V
VIL Low input voltage
VO =0.1 V
1.2
2.0
3.0
3.6
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
V
VOH High output voltage
VI = VIH or VIL
Io = -50 mkA
1.2
2.0
3.0
3.6
1.11
1.91
2.91
3.51
-
-
-
-
1.1
1.9
2.9
3.5
-
-
-
-
1.1
1.9
2.9
3.5
-
-
-
-
V
VI = VIH or VIL
Io = -8 mA
3.0 2.48
-
2.34
-
2.20
-
V
VOL Low output voltage
VI = VIH or VIL
Io = 50 mkA
1.2
2.0
3.0
3.6
-
-
-
-
0.09
0.09
0.09
0.09
-
-
-
-
0.1
0.1
0.1
0.1
-
-
-
-
0.1
0.1
0.1
0.1
V
VI = VIH or VIL
Io = 8 mA
3.0
-
0.33
-
0.4
-
0.5
V
II
Input current
VI = VCC or 0 V
3.6
-
±0.1
-
±1.0
-
±1.0
uA
IOZ Output current in «off»
state
Outputs in the third
state
VI = VIL or VIH
VO =VCC or 0 V
3.6
-
±0.5
-
±5
-
±10
uA
ICC Consumption current
VI =VCC or 0 V
Io = 0 mkA
3.6
-
8.0
-
80
-
160
uA
3


Similar Part No. - IN74LV620

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74LV620D INTEGRAL-IN74LV620D Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74LV620N INTEGRAL-IN74LV620N Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results

Similar Description - IN74LV620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74ACT640 INTEGRAL-IN74ACT640 Datasheet
211Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com