Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV573DW Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74LV573DW
Description  Octal D-type transparent latch (3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LV573DW Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74LV573DW Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LV573DW Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LV573DW Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LV573DW Datasheet HTML 4Page - IK Semicon Co., Ltd IN74LV573DW Datasheet HTML 5Page - IK Semicon Co., Ltd IN74LV573DW Datasheet HTML 6Page - IK Semicon Co., Ltd IN74LV573DW Datasheet HTML 7Page - IK Semicon Co., Ltd IN74LV573DW Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IN74LV573
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tr=tf=2.5 ns)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
-40
°C to 25°C
85
°C
125
°C
Unit
min
max
min
max
min
max
tPHL, tPLH Propagation delay , Clock
to Q
VI = 0 V or V1
Figures 1,3
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
150
30
23
18
15
-
-
-
-
-
160
39
29
23
19
-
-
-
-
-
170
49
36
29
24
ns
tPHL, tPLH Propagation delay , LE to
Q
VI = 0 V or V1
Figures 1,3
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
160
34
28
20
17
-
-
-
-
-
180
43
31
25
21
-
-
-
-
-
190
53
34
31
26
ns
tPHZ, tPLZ Propagation delay, OE to
Q
VI = 0 V or V1
Figures 2,4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
160
31
23
20
17
-
-
-
-
-
160
39
29
24
20
-
-
-
-
-
170
48
36
29
24
ns
tPZH, tPZL Propagation delay, OE to
Q
VI = 0 V or V1
Figures 2,4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
140
28
22
17
14
-
-
-
-
-
160
37
28
22
18
-
-
-
-
-
170
48
35
28
23
ns
CI
Input capacitance
5.0
-
7.0*
-
-
-
-
pF
CPD
Power dissipation
capacitance (per latch)
VI = 0 V or VCC
5.5
-
52*
-
-
-
-
pF
* T = 25oC
4


Similar Part No. - IN74LV573DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV573D INTEGRAL-IN74LV573D Datasheet
156Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH (3-STATE)
More results

Similar Description - IN74LV573DW

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com