Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV574 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74LV574
Description  Octal D-type flip-flop; positive edge-trigger (3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LV574 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74LV574 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LV574 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LV574 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LV574 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74LV574 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74LV574 Datasheet HTML 6Page - IK Semicon Co., Ltd IN74LV574 Datasheet HTML 7Page - IK Semicon Co., Ltd IN74LV574 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IN74LV574
ICC1
Additional
supply
current per
input
VI = VCC
0.6V
2.7
3.6
-
0.2
-
0.2
-
0.5
0.85
mA
IOZ
Three state
leakage
current
3-state output
VI (11) = VIH
VO =VCC or
0 V
5.5
-
±0.5
-
±0.5
-
±5
-
±10
µА
AC ELECTRICAL CHARACTERISTICS (CL=50 pF, tr=tf=2.5 ns)
Test
VCC
Guaranteed Limit
Symbol
Parameter
conditions
V
-40
°C to 25°C
85
°C
125
°C
Unit
min
max
min
max
min
max
tPHL, tPLH Propagation delay , Clock
to Q
VI = 0 V or V1
Figures 1,3
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
160
26
20
16
14
-
-
-
-
-
170
34
25
20
17
-
-
-
-
-
200
43
31
25
21
ns
tPHZ, tPLZ Propagation delay, OE to
Q
VI = 0 V or V1
Figures 2,4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
160
31
23
20
17
-
-
-
-
-
170
39
29
24
20
-
-
-
-
-
200
48
36
29
24
ns
tPZH, tPZL Propagation delay, OE to
Q
VI = 0 V or V1
Figures 2,4
1.2
2.0
2.7
3.0
4.5
-
-
-
-
-
140
26
20
16
14
-
-
-
-
-
160
34
25
20
17
-
-
-
-
-
180
43
31
25
21
ns
CI
Input capacitance
5.5
-
7.0*
-
-
-
-
pF
CPD
Power dissipation
capacitance (per flip-flop)
VI = 0 V or VCC
5.5
-
50*
-
-
-
-
pF
* T = 25oC
DEVICE
UNDER
TEST
OUTPUT
CL
*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
1 k
CL
*
TEST POINT
Connect to VCC when
testing tPLZ and tPZL
Connect to GND when
testing tPHZ and tPZH
* Includes all probe and jig capacitance
* Includes all probe and jig capacitance
Figure 1. Test Circuit
Figure 2. Test Circuit
4


Similar Part No. - IN74LV574

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
IN74LV574DW INTEGRAL-IN74LV574DW Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
IN74LV574N INTEGRAL-IN74LV574N Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results

Similar Description - IN74LV574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com