Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74ACT651 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74ACT651
Description  Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74ACT651 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74ACT651 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 6Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 7Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 8Page - IK Semicon Co., Ltd IN74ACT651 Datasheet HTML 9Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IN74ACT651
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to 85°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, A-to-B Clock or B-to-A Clock
to A or B Data Port (Figure 1)
4.0
14.5
3.5
16.5
ns
tPHL
Propagation Delay, A-to-B Clock or B-to-A Clock
to A or B Data Port (Figure 1)
3.5
14.5
3.0
16.5
ns
tPLH
Propagation Delay, Input A to Output B or Input B
to Output A (Figures 2,3)
2.5
11.5
2.0
13.0
ns
tPHL
Propagation Delay, Input A to Output B or Input B
to Output A (Figures 2,3)
2.5
11.5
2.0
13.0
ns
tPLH
Propagation Delay, A-to-B Source or B-to-A
Source to A or B Data Port (Figure 4)
2.5
12.0
2.0
13.5
ns
tPHL
Propagation Delay, A-to-B Source or B-to-A
Source to A or B Data Port (Figure 4)
3.0
12.0
2.5
13.5
ns
tPZH
Propagation Delay, Output Enable to A Data Port
(Figure 5)
2.0
11.5
1.5
13.0
ns
tPZL
Propagation Delay, Output Enable to A Data Port
(Figure 5)
2.5
11.5
2.0
13.0
ns
tPHZ
Propagation Delay, Output Enable to A Data Port
(Figure 5)
3.0
13.0
2.5
14.0
ns
tPLZ
Propagation Delay, Output Enable to A Data Port
(Figure 5)
2.5
12.5
2.0
14.0
ns
tPZH
Propagation Delay, Direction to B Data Port
(Figure 6)
2.5
12.0
2.0
13.5
ns
tPZL
Propagation Delay, Direction to B Data Port
(Figure 6)
2.5
12.0
2.0
13.5
ns
tPHZ
Propagation Delay, Direction to B Data Port
(Figure 6)
3.5
13.5
3.0
14.5
ns
tPLZ
Propagation Delay, Direction to B Data Port
(Figure 6)
3.0
13.5
2.5
15.0
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
COUT
Input/Output Capacitance
15
15
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
60
pF
Rev. 00


Similar Part No. - IN74ACT651

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT651 INTEGRAL-IN74ACT651 Datasheet
282Kb / 8P
   OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
IN74ACT651DW INTEGRAL-IN74ACT651DW Datasheet
282Kb / 8P
   OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
IN74ACT651N INTEGRAL-IN74ACT651N Datasheet
282Kb / 8P
   OCTAL 3-STATE BUS TRANSCEIVERS AND D FLIP-FLOPS
More results

Similar Description - IN74ACT651

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC651 KODENSHI-KK74AC651 Datasheet
513Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74AC652 KODENSHI-KK74AC652 Datasheet
507Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
KK74ACT652 KODENSHI-KK74ACT652 Datasheet
500Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC651 IKSEMICON-IN74AC651 Datasheet
375Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT651 KODENSHI-KK74ACT651 Datasheet
499Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT652 IKSEMICON-IN74ACT652 Datasheet
484Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
IN74AC652 IKSEMICON-IN74AC652 Datasheet
371Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC651 SLS-SL74HC651 Datasheet
79Kb / 9P
   Octal 3-State Bus Transceivers and D Flip-Flops(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HC652A KODENSHI-KK74HC652A Datasheet
453Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
KK74HC651A KODENSHI-KK74HC651A Datasheet
454Kb / 10P
   Octal 3-State Bus Transceivers and D Flip-Flops High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com