Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD9944TG Datasheet(PDF) 3 Page - Supertex, Inc

Part # TD9944TG
Description  Dual N-Channel Enhancement-Mode Vertical DMOS FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TD9944TG Datasheet(HTML) 3 Page - Supertex, Inc

  TD9944TG Datasheet HTML 1Page - Supertex, Inc TD9944TG Datasheet HTML 2Page - Supertex, Inc TD9944TG Datasheet HTML 3Page - Supertex, Inc TD9944TG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TD9944
Typical Performance Curves
Tj
V
DS
(th) and R
Variation with Temperature
C)
°
(
On-Resistance vs. Drain Current
(amperes)
D
Variation with Temperature
DSS
C)
°
(
Tj
Transfer Characteristics
VGS (volts)
I
BV
02468
10
3.0
2.5
2.0
1.5
1.0
0.5
0
-50
0
50
100
150
1.1
1.0
10
8
6
4
2
0
1.4
1.2
1.0
0.8
0.6
-50
0
50
100
150
VGS = 4.5V
VGS = 10V
T
= -55°C
A
VDS = 25V
150°C
01
2
3
5
4
0.9
2.4
2.0
1.6
1.2
0.8
0.4
(th)
V
@ 1mA
RDS(ON) @ 10V, 0.5A
25°C
Output Characteristics
4.0
3.2
2.4
1.6
0.8
0
VDS (volts)
Saturation Characteristics
2.5
2.0
1.5
1.0
0.5
0
VDS (volts)
010
20
30
50
40
VGS = 10V
8V
6V
4V
2V
02
4
6
10
8
VGS = 10V
2V
6V
4V
3V
3V
8V


Similar Part No. - TD9944TG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TD9944TG-G SUTEX-TD9944TG-G Datasheet
494Kb / 6P
   Dual N-Channel Enhancement-Mode Vertical DMOS FET
More results

Similar Description - TD9944TG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
TN2501 SUTEX-TN2501 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2110K1-G SUTEX-VN2110K1-G Datasheet
472Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
   N-Channel Enhancement-Mode Vertical DMOS FETs
2N7000 SUTEX-2N7000_13 Datasheet
666Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com