Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDR-20 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. MDR-20
Description  20W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

MDR-20 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BlockDiagram
ApplicationofDCOK ActiveSignal
DeratingCurve
MechanicalSpecification
FileName:MDR-20-SPEC2007-07-09
-20
0
10
20
30
40
50
60
70 (VERTICAL)
20
40
60
80
100
AMBIENTTEMPERATURE(
)
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
DCOK
-V
I/P
ING
CONTROL
O.V.P.
DCOK
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
InstallDINrail TS35/7.5or TS35/15
35
+V
5
5
22.5
5 5
-V
100
DCOK
(a)5Vsignal
(b)LED
(c)Relay
R
Model
5V
12V
15V
24V
R
200
1.5K
2K
3.9K
V-
5.1V
DCOK
R
V-
DCOK
V-
Relay
RL
CaseNo.956Unit:mm
Model
Model
5V
5V
12V
12V
15V
15V
24V
24V
R
RL
1K
120
2.4K
700
3K
700
4.7K
1.2K
+
20WSingleOutputIndustrialDINRailPowerSupply
M D R - 2 0 series
fosc:60KHz
DCOK
DC
OK
+V ADJ
N L


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn