Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR036MG Datasheet(PDF) 6 Page - Supertex, Inc

Part # SR036MG
Description  Inductorless, Dual Output Off-Line Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR036MG Datasheet(HTML) 6 Page - Supertex, Inc

  SR036MG Datasheet HTML 1Page - Supertex, Inc SR036MG Datasheet HTML 2Page - Supertex, Inc SR036MG Datasheet HTML 3Page - Supertex, Inc SR036MG Datasheet HTML 4Page - Supertex, Inc SR036MG Datasheet HTML 5Page - Supertex, Inc SR036MG Datasheet HTML 6Page - Supertex, Inc SR036MG Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
SR036/SR037
Applications Information, continued
12V Coil
Relay
220
µF
1
µF
SR036
VN2460N8
120VAC
or
240VAC
Fuse
Logic
Control
Circuit
Unregulated Voltage
3.3V
VN2110K1
1N4001
HV
IN
GND
Gate
Source
V
OUT
Figure 4: Driving 12V Relay Coils
The circuit shown in Figure 4 uses the SR036 to supply a
regulated 3.3V for the logic control circuitry while the unregu-
lated voltage is used to drive a 12V relay coil. The operating
voltage for a 12V relay coil is typically very wide and can
therefore operate directly from the unregulated line.
220
µF
1
µF
SR037
VN2460N8
120VAC
or
240VAC
Fuse
Logic
Control
Circuit
Unregulated Voltage
5.0V
100
1K
2N3904
1N4001
5V Coil
Relay
HV
IN
GND
Gate
Source
V
OUT
Figure 5: Driving 5V Relay Coils
The circuit shown in Figure 5 uses the SR037 to supply a
regulated 5.0V for the logic control circuitry while the unregu-
lated voltage is used to drive a 5.0V coil relay. To overcome the
voltage variation of the unregulated line, a bipolar transistor is
used to drive the coil with a constant current. The resistor value
from the emitter to ground sets the desired coil current. For an
arbitrary coil current of 40mA, the resistor value can be calcu-
lated as:
R =
5.0V -
40mA
1K - V
40mA
where V
= 0.6V and
= 100
= 100
be
be
β
β
,


Similar Part No. - SR036MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036MG SUTEX-SR036MG Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR036MG SUTEX-SR036MG Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
More results

Similar Description - SR036MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR036 SUTEX-SR036_04 Datasheet
3Mb / 19P
   Inductorless, Dual Output Off-Line Regulators
SR03 SUTEX-SR03 Datasheet
2Mb / 18P
   Inductorless, Dual Output Off-Line Regulators
SR08X SUTEX-SR08X Datasheet
342Kb / 7P
   Adjustable Off-Line Inductorless Switching Regulator
logo
Allegro MicroSystems
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
   OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
   OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com