Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR8N3 Datasheet(PDF) 3 Page - Supertex, Inc

Part # LR8N3
Description  High Input Voltage Adjustable 3-Terminal Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR8N3 Datasheet(HTML) 3 Page - Supertex, Inc

  LR8N3 Datasheet HTML 1Page - Supertex, Inc LR8N3 Datasheet HTML 2Page - Supertex, Inc LR8N3 Datasheet HTML 3Page - Supertex, Inc LR8N3 Datasheet HTML 4Page - Supertex, Inc LR8N3 Datasheet HTML 5Page - Supertex, Inc LR8N3 Datasheet HTML 6Page - Supertex, Inc LR8N3 Datasheet HTML 7Page - Supertex, Inc LR8N3 Datasheet HTML 8Page - Supertex, Inc LR8N3 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
LR8
Thermal Characteristics
Package
Power Dissipation
θJC
θJA
@ TA=25
°C
°C/W
°C/W
TO-92
0.74W
125
170
TO-243AA
1.6W
15
78
TO-252
2.5W
6.25
50
Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Significant PD increase possible on ceramic substrate.
Functional Block Diagram
Overtemp &
Overcurrent
10
µA
1.2V
VIN
VOUT
ADJ
LR8
Pass
Element


Similar Part No. - LR8N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8N3-G SUTEX-LR8N3-G Datasheet
697Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
More results

Similar Description - LR8N3

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
   3-Terminal Adjustable Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com