Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74ACT153 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74ACT153
Description  Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74ACT153 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74ACT153 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74ACT153 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74ACT153 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74ACT153 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74ACT153 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74ACT153 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74ACT153
AC ELECTRICAL CHARACTERISTICS (VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A to Output Y (Figure 2)
3.0
11.5
2.0
13.5
ns
tPHL
Propagation Delay, Input A to Output Y (Figure 2)
3.0
11.5
2.5
13.5
ns
tPLH
Propagation Delay, Strobe to Output Y (Figure 3)
2.0
10.5
2.0
12.5
ns
tPHL
Propagation Delay, Strobe to Output Y (Figure 3)
3.0
9.5
2.5
11.0
ns
tPLH
Propagation Delay, Input D to Output Y (Figure 1)
2.5
9.5
2.0
11.0
ns
tPHL
Propagation Delay, Input D to Output Y (Figure 1)
2.0
9.5
2.0
11.0
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Rev. 00
Typical @25
°C,V
CC=5.0 V
C
Power Dissipation Capacitance
65
pF
PD
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms


Similar Part No. - IN74ACT153

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT153 INTEGRAL-IN74ACT153 Datasheet
216Kb / 5P
   DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER
IN74ACT153D INTEGRAL-IN74ACT153D Datasheet
216Kb / 5P
   DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER
IN74ACT153N INTEGRAL-IN74ACT153N Datasheet
216Kb / 5P
   DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER
More results

Similar Description - IN74ACT153

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC153 IKSEMICON-IN74AC153 Datasheet
229Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC153 KODENSHI-KK74AC153 Datasheet
322Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT153 KODENSHI-KK74ACT153 Datasheet
318Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC153 INTEGRAL-IN74AC153 Datasheet
196Kb / 5P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT153 SLS-SL74HCT153 Datasheet
52Kb / 5P
   Dual 4-Input Data Selector/Multiplexer(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT153A KODENSHI-KK74HCT153A Datasheet
231Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
KK74HC153A KODENSHI-KK74HC153A Datasheet
182Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC153A IKSEMICON-IN74HC153A Datasheet
217Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT151 KODENSHI-KK74ACT151 Datasheet
299Kb / 6P
   8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT153A IKSEMICON-IN74HCT153A Datasheet
217Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com