Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC273 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74AC273
Description  Octal D Flip-Flop with Common Clock and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74AC273 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74AC273 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74AC273 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74AC273 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74AC273 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74AC273 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74AC273 Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74AC273
Rev. 00
AC ELECTRICAL CHARACTERISTICS (C =50pF, Input t =t =3.0 ns)
L
r
f
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
90
140
75
125
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
4.0
3.0
12.5
9.0
3.0
2.5
14.0
10.0
ns
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
4.0
3.0
13.0
10.0
3.5
2.5
14.5
11.0
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
3.3
5.0
4.0
3.0
13.0
10.0
3.5
2.5
14.0
10.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
50
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
3.3
5.0
5.5
4.0
6.0
4.5
ns
th
Minimum Hold Time, Data to Clock
(Figure 3)
3.3
5.0
0
1.0
0
1.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
5.5
4.0
6.0
4.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.3
5.0
5.5
4.0
6.0
4.5
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
3.3
5.0
3.5
2.0
4.5
3.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Similar Part No. - IN74AC273

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC273 INTEGRAL-IN74AC273 Datasheet
179Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC273

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
KODENSHI_AUK CORP.
KK74AC273 KODENSHI-KK74AC273 Datasheet
283Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Motorola, Inc
MC54HC273A MOTOROLA-MC54HC273A Datasheet
111Kb / 7P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
System Logic Semiconduc...
SL74HC273 SLS-SL74HC273 Datasheet
49Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
logo
Integral Corp.
IN74HC273A INTEGRAL-IN74HC273A Datasheet
148Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_11 Datasheet
155Kb / 9P
   Octal D Flip-Flop with Common Clock and Reset
May, 2011 ??Rev. 13
logo
KODENSHI_AUK CORP.
KK74LV273 KODENSHI-KK74LV273 Datasheet
337Kb / 7P
   Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_15 Datasheet
96Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset
October, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com