Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763CS8-1.8PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1763CS8-1.8PBF
Description  500mA, Low Noise, LDO Micropower Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8-1.8PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1763CS8-1.8PBF Datasheet HTML 5Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 6Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 7Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 8Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 9Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 10Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 11Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 12Page - Linear Technology LT1763CS8-1.8PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1763 Series
9
1763fe
TYPICAL PERFORMANCE CHARACTERISTICS
LT1763-5
GND Pin Current
LT1763
GND Pin Current
GND Pin Current vs ILOAD
SHDN Pin Threshold
(On-to-Off)
SHDN Pin Threshold
(Off-to-On)
SHDN Pin Input Current
LT1763-2.5
GND Pin Current
LT1763-3
GND Pin Current
LT1763-3.3
GND Pin Current
INPUT VOLTAGE (V)
12
10
8
6
4
2
0
1763 G28
0123
4
5
67
8
9
10
RL = 5Ω
IL = 500mA*
RL = 8.33Ω
IL = 300mA*
RL = 25Ω
IL = 100mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 2.5V
INPUT VOLTAGE (V)
12
10
8
6
4
2
0
1763 G29
0123
4
5
67
8
9
10
RL = 6Ω
IL = 500mA*
RL = 10Ω
IL = 300mA*
RL = 30Ω
IL = 100mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3V
INPUT VOLTAGE (V)
12
10
8
6
4
2
0
1763 G30
0123
4
5
67
8
9
10
RL = 6.6Ω
IL = 500mA*
RL = 11Ω
IL = 300mA*
RL = 33Ω
IL = 100mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3.3V
INPUT VOLTAGE (V)
12
10
8
6
4
2
0
1763 G31
0123
4
5
67
8
9
10
RL = 10Ω
IL = 500mA*
RL = 16.7Ω
IL = 300mA*
RL = 50Ω
IL = 100mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 5V
INPUT VOLTAGE (V)
12
10
8
6
4
2
0
1763 G32
0123
4
5
67
8
9
10
RL = 2.44Ω
IL = 500mA*
RL = 4.07Ω
IL = 300mA*
RL = 12.2Ω
IL = 100mA*
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.22V
OUTPUT CURRENT (mA)
12
10
8
6
4
2
0
1763 G33
0
50 100 150 200 250 300 350 400 450 500
VIN = VOUT(NOMINAL) + 1V
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1763 G34
–25
25
100
125
IL = 1mA
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1763 G35
–25
25
100
125
IL = 500mA
IL = 1mA
SHDN PIN VOLTAGE (V)
1763 G36
0123
4
5
67
8
9
10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0


Similar Part No. - LT1763CS8-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CS8-1.8 LINER-LT1763CS8-1.8 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8 LINER-LT1763CS8-1.8 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-PBF LINER-LT1763CS8-1.8-PBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-TR LINER-LT1763CS8-1.8-TR Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-1.8-TRPBF LINER-LT1763CS8-1.8-TRPBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CS8-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com