Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS25U Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS25U
Description  20~25WAC-DC Single Output Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS25U Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS25U Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS25U Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
GS25U05-P1J GS25U07-P1J GS25U09-P1J GS25U12-P1J GS25U15-P1J GS25U18-P1J GS25U24-P1J GS25U28-P1J GS25U48-P1J
ORDERNO.
SAFETY MODEL NO.
DCVOLTAGE
Note.2
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
RIPPLE&NOISE(max.) Note.3
OUTPUT
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT
INPUT
ENVIRONMENT
INRUSHCURRENT(max.)
LEAKAGECURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note.7)
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GS25U05
7.5V
GS25U07
9V
GS25U09
12V
GS25U12
15V
GS25U15
18V
GS25U18
24V
GS25U24
28V
GS25U28
48V
GS25U48
4.0A
2.93A
2.77A
2.08A
1.66A
1.38A
1.04A
0.89A
0.52A
0~4.0A
0~2.93A
0~2.77A
0~2.08A
0~1.66A
0~1.38A
0~1.04A
0~0.89A
0~0.52A
50mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGETOLERANCE Note.4
LINEREGULATION
Note.5
LOADREGULATION
Note.6
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
5.0%
5.0%
5.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
90~264VAC135~370VDC
47~63Hz
74%
78%
79%
81%
82%
82%
83%
83%
84%
0.7A /100VAC
25A /115VAC
0.25mA /240VAC
UL60950-1,CSA C22.2,BSMI,CNS14336approved
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100MOhms/500VDC /25
/70%RH
500Khrsmin.MIL-HDBK-217F(25
)
0~+50
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
79*54*33mm(L*W*H)
210g;60pcs/13.5kg/CARTON
CONNECTOR
PLUG
CABLE
Standardtype
forstock
thertypeavailablebycustomerrequested
P1J:2.1
*5.5
*11mm,tuningforktype,centerpositive
;O
Standardtype
4FT onlyfor5Voutput forstock
thertypeavailablebycustomerrequested
UL11856ft(
)
;O
20W
22W
25W
25W
25W
25W
25W
25W
25W
1.All parameters are specified at 115VAC input, rated load, 25
70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerance: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.Load regulation is measured from 20% to 100% rated load
7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
Features :
Complianceto
CNS13438classB
FCCPART 15/CISPR22classB,
EMICONDUCTION&RADIATION
OVERLOAD
OVERVOLTAGE
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
105~135%ratedoutputvoltage
Protectiontype:Clampbyzenerdiode
20~25W AC-DCSingleOutputWall-mountedtype
G S 2 5 U series
Universal AC input / Full range
No load power consumption<0.5W
Pass energy star(CEC) level
regulation
Meet EISA 2007 (Energy Independence and Security Act)
2 pole USA plug
Class
power (without earth pin)
Full output 5~48V safety approval
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
LED indicator for power on
Approvals: UL / CUL / BSMI / CB / FCC
Pass LPS for 9~48V output
2 years warranty
500ms,20ms,50ms/230VAC500ms,20ms,15ms/115VACatfullload
FileName:GS25U-SPEC 2008-06-04


Similar Part No. - GS25U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GS25U MEANWELL-GS25U Datasheet
147Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U05 MEANWELL-GS25U05 Datasheet
147Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U05-P1J MEANWELL-GS25U05-P1J Datasheet
147Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U05-P1J MEANWELL-GS25U05-P1J Datasheet
165Kb / 2P
   GS25U_12
GS25U07 MEANWELL-GS25U07 Datasheet
147Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
More results

Similar Description - GS25U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ES25U MEANWELL-ES25U Datasheet
166Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E MEANWELL-GS25E_11 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E MEANWELL-GS25E Datasheet
105Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U_11 Datasheet
147Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
ES25A MEANWELL-ES25A Datasheet
167Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25A MEANWELL-GS25A_12 Datasheet
194Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B Datasheet
122Kb / 2P
   20~25WAC-DC Single Output Desktop
GS25B MEANWELL-GS25B_11 Datasheet
175Kb / 2P
   20~25WAC-DC Single Output Desktop
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com