Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG11CP110VAC Datasheet(PDF) 8 Page - Adam Technologies, Inc.

Part # RG11CP110VAC
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG11CP110VAC Datasheet(HTML) 8 Page - Adam Technologies, Inc.

Back Button RG11CP110VAC Datasheet HTML 4Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 5Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 6Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 7Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 9Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 10Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 11Page - Adam Technologies, Inc. RG11CP110VAC Datasheet HTML 12Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
57
RELAY
POWER RELAY-TYPE RPM
R SERIES
.015
[0.40]
.826
[21.00]
MAX.
.511
[13.00]
MAX.
1.181 [30.00]
MAX.
SCHEMATIC
1 FORM A
.787
[20.00]
.137
[3.50]
.295
[7.50]
.039
[1.00]
.295
[7.50]
.787
[20.00]
.137 [3.50]
ø.059
[1.50] 4X
Nominal
Voltage
V DC
V DC (max.)
Pick-up Voltage
V DC (min.)
Voltage
Drop-out
Nominal
Operating Current
mA (±10%)
Coil Resistance
(±10%)
mW
Operating Power
Nominal
Max allowable
Voltage
V DC
1 FORM C
SCHEMATIC
SCHEMATIC
2 FORM C
2 FORM A
SCHEMATIC
1 FORM A
1 FORM C
.137 [3.50]
.787
[20.00]
.295
[7.50]
2 FORM A
.197 [5.00]
.787
[20.00]
.295
[7.50]
2 FORM C
ø.059
[1.50] 5X
.137 [3.50]
ø.059
[1.50] 6X
ø.059
[1.50] 8X
.295
[7.50]
.590
[15.00]
.197 [5.00]
.197 [5.00]
COM
N.O.
COM
N.O.
N.C.
COM
N.O.
N.O.
N.C.
COM
RPM-1A-P-XX
RPM-1C-P-XX
RPM-2A-P-XX
RPM-2C-P-XX
130%V
of nominal
Voltage @ 60 C
6
12
9
5
24
16.8
3.5
6.3
8.4
4.2
2.4
0.5
0.9
1.2
0.6
22
106
58
44
88
1,100
47
155
270
68
530
120%V
of nominal
Voltage @ 85 C
RPM SERIES
Recommended PCB Layout
1 Form C
Recommended PCB Layout
2 Form A
Recommended PCB Layout
2 Form C
Recommended PCB Layout
1 Form A
Schematic
1 Form C
Schematic
2 Form A
Schematic
2 Form C
Schematic
1 Form A
RPM-1A-P-XX
RPM-1C-P-XX
RPM-2A-P-XX
RPM-2C-P-XX
RPM-1A-P-12


Similar Part No. - RG11CP110VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG11CP110VAC ADAM-TECH-RG11CP110VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG11CP110VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com