Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761ES5-1.2 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1761ES5-1.2
Description  100mA, Low Noise,LDO Micropower Regulators in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761ES5-1.2 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1761ES5-1.2 Datasheet HTML 7Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 8Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 9Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 10Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 11Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 12Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 13Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 14Page - Linear Technology LT1761ES5-1.2 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1761 Series
1761sfc
Output Noise Spectral Density
FREQUENCY (Hz)
10
1k
10k
100k
1761 G41
100
10
1
0.1
0.01
COUT = 10μF
CBYP = 0
IL = 100mA
LT1761-BYP,
-SD, 1.2
LT1761-5
LT1761-3.3
LT1761-2.8,-3
LT1761-2.5
LT1761-1.8
LT1761-2
LT1761-1.5
FREQUENCY (Hz)
10
1k
10k
100k
1761 G42
100
10
1
0.1
0.01
LT1761-BYP
LT1761-5
CBYP = 1000pF
CBYP = 0.01μF
CBYP = 100pF
COUT = 10μF
IL = 100mA
CBYP (pF)
10
140
120
100
80
60
40
20
0
100
1k
10k
1761 G43
COUT = 10μF
IL = 100mA
f = 10Hz TO 100kHz
LT1761-5
LT1761-3.3
LT1761-3
LT1761-2.8
LT1761-2.5
LT1761-1.5
LT1761-1.8, -2
LT1761-BYP, -1.2
Output Noise Spectral Density
RMS Output Noise vs
Bypass Capacitor
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1761 G36
100
100k
IL = 100mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
COUT = 10μF
CBYP = 0.01μF
CBYP = 100pF
CBYP = 1000pF
TEMPERATURE (
°C)
–50
100
1761 G37
050
80
70
60
50
40
30
20
10
0
–25
25
75
125
VIN = VOUT (NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 50mA
LT1761-5
Input Ripple Rejection
Input Ripple Rejection
LT1761-BYP, LT1761-SD
Minimum Input Voltage
Load Regulation
ΔIL = 1mA to 50mA
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
75
1761 G38
–25
25
100
125
IL = 100mA
IL = 50mA
TEMPERATURE (
°C)
–50
100
1761 G39
050
0
–5
–10
–15
–20
–25
–30
–35
–40
–25
25
75
125
LT1761-BYP, -SD, -1.2
LT1761-1.8
LT1761-1.5
LT1761-2
LT1761-2.5
LT1761-2.8
LT1761-3
LT1761-3.3
LT1761-5
TEMPERATURE (
°C)
–50
100
1761 G40
050
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–25
25
75
125
LT1761-3
LT1761-2
LT1761-2.5
LT1761-2.8
LT1761-5
LT1761-3.3
LT1761-BYP, -SD, -1.2
LT1761-1.8
LT1761-1.5
Load Regulation
ΔIL = 1mA to 100mA


Similar Part No. - LT1761ES5-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761ES5-1.2 LINER-LT1761ES5-1.2 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-1.2 LINEAR_DIMENSIONS-LT1761ES5-1.2 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761ES5-1.2-PBF LINER-LT1761ES5-1.2-PBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-1.2-TR LINER-LT1761ES5-1.2-TR Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-1.2-TRPBF LINER-LT1761ES5-1.2-TRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761ES5-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_10 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Texas Instruments
LP2982 TI1-LP2982 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower Ultra-Low-Dropout LDO in SOT-23 Package
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com