Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1739CFE Datasheet(PDF) 1 Page - Linear Technology

Part # LT1739CFE
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1739CFE Datasheet(HTML) 1 Page - Linear Technology

  LT1739CFE Datasheet HTML 1Page - Linear Technology LT1739CFE Datasheet HTML 2Page - Linear Technology LT1739CFE Datasheet HTML 3Page - Linear Technology LT1739CFE Datasheet HTML 4Page - Linear Technology LT1739CFE Datasheet HTML 5Page - Linear Technology LT1739CFE Datasheet HTML 6Page - Linear Technology LT1739CFE Datasheet HTML 7Page - Linear Technology LT1739CFE Datasheet HTML 8Page - Linear Technology LT1739CFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1739
1739fas, sn1739
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
Dual 500mA, 200MHz
xDSL Line Driver Amplifier
s
3mm
× 4mm High Power DFN Package
s
Exceeds All Requirements For Full Rate,
Downstream ADSL Line Drivers
s
±500mA Minimum IOUT
s
±11.1V Output Swing, VS = ±12V, RL = 100Ω
s
±10.9V Output Swing, VS = ±12V, IL = 250mA
s
Low Distortion: – 82dBc at 1MHz, 2VP-P Into 50Ω
s
Power Saving Adjustable Supply Current
s
Power Enhanced TSSOP-20 Small Footprint Package
s
200MHz Gain Bandwidth
s
600V/
µs Slew Rate
s
Specified at
±12V and ±5V
s
High Density ADSL Central Office Line Drivers
s
High Efficiency ADSL, HDSL2, G.lite,
SHDSL Line Drivers
s
Buffers
s
Test Equipment Amplifiers
s
Cable Drivers
The LT
®1739 is a 500mA minimum output current, dual op
amp with outstanding distortion performance. The ampli-
fiers are gain-of-ten stable, but can be easily compensated
for lower gains. The extended output swing allows for
lower supply rails to reduce system power. Supply current
is set with an external resistor to optimize power dissipa-
tion. The LT1739 features balanced, high impedance in-
puts with low input bias current and input offset voltage.
Active termination is easily implemented for further sys-
tem power reduction. Short-circuit protection and thermal
shutdown insure the device’s ruggedness.
The outputs drive a 100
Ω load to ±11.1V with ±12V
supplies, and
±10.9V with a 250mA load. The LT1739 is a
pin-for-pin replacement for the LT1794 in xDSL line driver
applications and requires no circuit changes.
The LT1739 is available in the very small, thermally
enhanced, 3mm
× 4mm DFN package or a 20-lead TSSOP
for maximum port density in central office line driver
applications. For a dual version of the LT1739, see the
LT6301 data sheet.
High Efficiency
±12V Supply ADSL Central Office Line Driver
1739 TA01
+
1/2
LT1739
–IN
+
1/2
LT1739
+IN
12V
SHDN
–12V
12.7
RBIAS
24.9k
1:2*
110
1000pF
110
1k
1k
12.7
SHDNREF
100
*COILCRAFT X8390-A OR EQUIVALENT
ISUPPLY = 10mA PER AMPLIFIER
WITH RBIAS = 24.9k
, LTC and LT are registered trademarks of Linear Technology Corporation.
4mm
3mm
0.8mm
1739
TA02
EXPOSED
THERMAL
PAD
3mm
× 4mm DFN Package
Bottom View


Similar Part No. - LT1739CFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
More results

Similar Description - LT1739CFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794 Datasheet
275Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT6300 LINER-LT6300_15 Datasheet
239Kb / 16P
   500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com