Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1739CUE Datasheet(PDF) 8 Page - Linear Technology

Part # LT1739CUE
Description  Dual 500mA, 200MHz xDSL Line Driver Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1739CUE Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1739CUE Datasheet HTML 4Page - Linear Technology LT1739CUE Datasheet HTML 5Page - Linear Technology LT1739CUE Datasheet HTML 6Page - Linear Technology LT1739CUE Datasheet HTML 7Page - Linear Technology LT1739CUE Datasheet HTML 8Page - Linear Technology LT1739CUE Datasheet HTML 9Page - Linear Technology LT1739CUE Datasheet HTML 10Page - Linear Technology LT1739CUE Datasheet HTML 11Page - Linear Technology LT1739CUE Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1739
1739fas, sn1739
Two Control Inputs
RESISTOR VALUES (k
Ω)
RSHDN TO VCC (12V) RSHDN TO VLOGIC
VLOGIC
RSHDN
RC1
RCO
3V
40.2
11.5
19.1
3.3V
43.2
13.0
22.1
5V
60.4
21.5
36.5
3V
4.99
8.66
14.3
3.3V
6.81
10.7
17.8
5V
19.6
20.5
34.0
VC0
H
L
H
L
VC1
H
H
L
L
10
7
5
2
10
7
5
2
10
7
5
2
10
7
5
2
10
7
5
2
10
7
5
2
SUPPLY CURRENT PER AMPLIFIER (mA)
One Control Input
RESISTOR VALUES (k
Ω)
RSHDN TO VCC (12V) RSHDN TO VLOGIC
VLOGIC
RSHDN
RC
3V
40.2
7.32
3.3V
43.2
8.25
5V
60.4
13.7
3V
4.99
5.49
3.3V
6.81
6.65
5V
19.6
12.7
VC
H
L
10
2
10
2
10
2
10
2
10
2
10
2
SUPPLY CURRENT PER AMPLIFIER (mA)
RSHDN
RC1
VC1
VLOGIC
12V OR VLOGIC
0V
VC0
RC0
SHDN
SHDNREF
2k
RSHDN
RC
VC
VLOGIC
12V OR VLOGIC
0V
SHDN
SHDNREF
1739 F04
2k
APPLICATIO S I FOR ATIO
Logic Controlled Operating Current
The DSP controller in a typical xDSL application can have
I/O pins assigned to provide logic control of the LT1739
line driver operating current. As shown in Figure 4 one or
two logic control inputs can set two or four different
operating modes. The logic inputs add or subtract current
to the SHDN input to set the operating current. The one
logic input example selects the supply current to be either
full power, 10mA per amplifier or just 2mA per amplifier,
which significantly reduces the driver power consumption
while maintaining less than 2
Ω output impedance to
frequencies less than 1MHz. This low power mode retains
termination impedance at the amplifier outputs and the
line driving back termination resistors. With this termina-
tion, while a DSL port is not transmitting data, it can still
sense a received signal from the line across the back-
termination resistors and respond accordingly.
The two logic input control provides two intermediate
(approximately 7mA per amplifier and 5mA per amplifier)
operating levels between full power and termination
modes. For proper operation of the current control cir-
cuitry, it is necessary that the SHDNREF pin be biased at
least 2V more positive than V. In single supply applica-
tions where Vis at ground potential, special attention to
the DC bias of the SHDNREF pin is required. Contact
Linear Technology for assistance in implementing a single
supply design with operating current control. These
modes can be useful for overall system power manage-
ment when full power transmissions are not necessary.
Shutdown and Recovery
The ultimate power saving action on a completely idle port
is to fully shut down the line driver by pulling the SHDN pin
to within 0.4V of the SHDNREF potential. As shown in
Figure 5 complete shutdown occurs in less than 10
µs and,
more importantly, complete recovery from the shut down
state to full operation occurs in less than 2
µs. The biasing
circuitry in the LT1739 reacts very quickly to bring the
amplifiers back to normal operation.
Figure 4. Providing Logic Input Control of Operating Current
VSHDN
SHDNREF = 0V
AMPLIFIER
OUTPUT
1794 F05
Figure 5. Shutdown and Recovery Timing
Power Dissipation and Heat Management
xDSL applications require the line driver to dissipate a
significant amount of power and heat compared to other
components in the system. The large peak to RMS varia-
tions of DMT and CAP ADSL signals require high supply
voltages to prevent clipping, and the use of a step-up
transformer to couple the signal to the telephone line can
require high peak current levels. These requirements
result in the driver package having to dissipate significant
amounts of power. Several multiport cards inserted into
a rack in an enclosed central office box can add up to
many, many watts of power dissipation in an elevated
ambient temperature environment. The LT1739 has built-
in thermal shutdown circuitry that will protect the ampli-
fiers if operated at excessive temperatures, however data
transmissions will be seriously impaired. It is important in


Similar Part No. - LT1739CUE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
More results

Similar Description - LT1739CUE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794 Datasheet
275Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
   Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT6300 LINER-LT6300_15 Datasheet
239Kb / 16P
   500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
   Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com