Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG12AP12VAC Datasheet(PDF) 10 Page - Adam Technologies, Inc.

Part # RG12AP12VAC
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG12AP12VAC Datasheet(HTML) 10 Page - Adam Technologies, Inc.

Back Button RG12AP12VAC Datasheet HTML 6Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 7Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 9Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 10Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 11Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 12Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 13Page - Adam Technologies, Inc. RG12AP12VAC Datasheet HTML 14Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
59
RELAY
GENERAL PURPOSE RELAY-TYPE RG1
R SERIES
Recommended PCB Layout
1
.3937
[10.00]
.181 [4.60]
.417
[10.60]
.698
[17.75]
.559 [14.20]
ø.098
[2.50]
1.732 [44.00] MAX
.885 [22.50]
MAX.
1.397
[35.50]
MAX
.181 [4.60]
.698
[17.75]
.417
[10.60]
1.102 [35.50] MAX
SOLDER
PCB
.187" Q.C.
Minimum
Nominal
Voltage
V DC
V DC (max.)
Pick-up Voltage
V DC (min.)
Voltage
Drop-out
Nominal
Operating Current
mA (±10%)
Coil Resistance
(±10%)
Nominal
Operating Power W
Max allowable
Voltage
V DC
DC Types @ 20 C
AC Types (50/60 Hz) at 60 Hz, 20 C
V DC
Voltage
Max allowable
Operating Power
VA
(±10%)
Coil Resistance
mA (±10%)
Operating Current
Nominal
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
V AC
Voltage
Nominal
TERMINAL OPTIONS
2
4
3
6
5
8
7
1.732
[40.00]
MAX
.141
[3.60]
1.496
[38.00]
1 FORM C
14
13
12
7
2
2
12
13
14
1 FORM A
12
5
4
8
7
13
14
2 FORM C
2 FORM A
14
13
912
5
8
4
1
TOP MOUNT
FLANGE OPTION
0.58
0.58
0.58
0.58
0.58
Nominal
1.20
Minimum
0.77
12
48
24
6
110/120
88
4.8
19.2
38.4
9.6
11
0.6
2.4
4.8
1.2
10
150
37
18.5
75
13,400
40
640
2,560
160
0.9
0.9
0.9
0.9
0.9
121
6.6
26.4
52.8
13.2
220/240
176
44
6.0 / 6.5
1,360
264
13.2
52.8
26.4
6.6
132
40
650
160
10
3,400
110
30
60
220
13.5 / 14.5
2.4
9.6
4.8
1.2
22
9.6
38.4
19.2
4.8
88
110/120
6
24
48
12
RG1 SERIES
1FormA
2FormA
1FormC
2 Form C
DC Types @ 20°C
AC Types (50/60 Hz) @ 60 Hz, 20° C


Similar Part No. - RG12AP12VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG12AP12VAC ADAM-TECH-RG12AP12VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG12AP12VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com