Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG11CP12VAC Datasheet(PDF) 9 Page - Adam Technologies, Inc.

Part # RG11CP12VAC
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG11CP12VAC Datasheet(HTML) 9 Page - Adam Technologies, Inc.

Back Button RG11CP12VAC Datasheet HTML 5Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 6Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 7Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 9Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 10Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 11Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 12Page - Adam Technologies, Inc. RG11CP12VAC Datasheet HTML 13Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
58
RELAY
GENERAL PURPOSE RELAY-TYPE RG1
R SERIES
INTRODUCTION:
Adam Tech RG1 relays are small size general purpose relays
available in four different contact formats with either AC or DC
activated coils. These relays are available with PCB, Solder, or Quick
Connect terminals and a Flange Mount cover option. Rated up to 15
amps, they are ideal for applications such as industrial control
equipment, office machines, and medical equipment.
FEATURES:
Contact ratings up to 15 amps
AC and DC coils available
Top mount flange option
SPECIFICATIONS:
ELECTRICAL:
Contact arrangements: 1 Form A & 1 Form C / 2 Form A & 2 Form C
Contact material: Silver Alloy
Contact Rating (Resistive load): 15A @ 250V AC
15A @ 30V DC
Max. Switching Voltage: 250V AC / 30V DC
Max. Switching Power: 3750VA / 450W
Contact resistance: 50 m
Ω max. Initial
Insulation resistance: 500 M
Ω min. @ 500V DC
Dielectric withstanding voltage:
Between Coil & Contact: 2500V AC 50/60Hz for 1 min.
Between Contacts: 1500V AC 50/60Hz for 1 min.
Operating time: 25 ms max.
Release time: 25 ms max.
Electrical Life: 100,000 Operations (at rated load)
MECHANICAL:
Vibration resistance (Endurance): 1.0mm double amplitude10-55Hz
Shock resistance: 10G min.
Mechanical Life: 10,000,000 Operations (no load)
TEMPERATURE RATING:
Ambient temperature: -45°C to +85°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
cUL Recognized File No. E305638
ORDERING INFORMATION
GENERAL PURPOSE RELAY
RG1
1C
P
VDC
SERIES INDICATOR
RG1 = Relay,
General
Purpose
CONTACT FORM
1A = 1 form A
1C = 1 form C
2A = 2 form A
2C = 2 form C
TERMINALS
P = PCB Terminals
S = Solder/Plug-In
QC = .187" Quick
Connects
COIL TYPE
VAC = Volts AC
VDC = Volts DC
COIL VOLTAGE
5 = 5V
6 = 6V
9 = 9V
12 = 12V
24 = 24V
48 = 48V
110 = 110V
220 = 220V
24
RG1-2C-QC-110VAC-F
RG1-2C-QC-110VAC
OPTION:
Add designator(s) to end of part number
F = Top Mount flange
®
®
V
D E
UL
®
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
c
US


Similar Part No. - RG11CP12VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG11CP12VAC ADAM-TECH-RG11CP12VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG11CP12VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com