Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6419CC18ML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6419CC18ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419CC18ML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6419CC18ML Datasheet HTML 3Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 4Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 5Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 6Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 7Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 8Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 9Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 10Page - Torex Semiconductor XC6419CC18ML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7/29
XC6419
Series
REGULATOR 1
REGULATOR 2
OUTPUT VOLTAGE
±1%
OUTPUT VOLTAGE
±2%
LOAD
REGULATION
DROPOUT
VOLTAGE
LOAD
REGULATION
DROPOUT
VOLTAGE
NOMINAL
OUTPUT
VOLTAGE
(A, B Series)
(C, D Series)
E-11
E-12
E-21
E-22
(V)
(V)
(V)
(mV)
(mV)
(mV)
(mV)
VOUT(E)
ΔVOUT
Vdif
ΔVOUT
Vdif
VOUT(T)
MIN
MAX
MIN
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
3.00
2.9700
3.0300
2.9400
3.0600
25
50
115
150
20
40
115
180
3.05
3.0195
3.0805
2.9890
3.1110
25
50
115
150
20
40
115
180
3.10
3.0690
3.1310
3.0380
3.1620
25
50
115
150
20
40
115
180
3.15
3.1185
3.1815
3.0870
3.2130
25
50
115
150
20
40
115
180
3.20
3.1680
3.2320
3.1360
3.2640
25
50
115
150
20
40
115
180
3.25
3.2175
3.2825
3.1850
3.3150
25
50
115
150
20
40
115
180
3.30
3.2670
3.3330
3.2340
3.3660
25
50
115
150
20
40
115
180
3.35
3.3165
3.3835
3.2830
3.4170
25
50
115
150
20
40
115
180
3.40
3.3660
3.4340
3.3320
3.4680
25
50
115
150
20
40
115
180
3.45
3.4155
3.4845
3.3810
3.5190
25
50
115
150
20
40
115
180
3.50
3.4650
3.5350
3.4300
3.5700
25
50
100
135
20
40
100
170
3.55
3.5145
3.5855
3.4790
3.6210
25
50
100
135
20
40
100
170
3.60
3.5640
3.6360
3.5280
3.6720
25
50
100
135
20
40
100
170
3.65
3.6135
3.6865
3.5770
3.7230
25
50
100
135
20
40
100
170
3.70
3.6630
3.7370
3.6260
3.7740
25
50
100
135
20
40
100
170
3.75
3.7125
3.7875
3.6750
3.8250
25
50
100
135
20
40
100
170
3.80
3.7620
3.8380
3.7240
3.8760
25
50
100
135
20
40
100
170
3.85
3.8115
3.8885
3.7730
3.9270
25
50
100
135
20
40
100
170
3.90
3.8610
3.9390
3.8220
3.9780
25
50
100
135
20
40
100
170
3.95
3.9105
3.9895
3.8710
4.0290
25
50
100
135
20
40
100
170
4.00
3.9600
4.0400
3.9200
4.0800
25
50
95
125
20
40
95
165
4.05
4.0095
4.0905
3.9690
4.1310
25
50
95
125
20
40
95
165
4.10
4.0590
4.1410
4.0180
4.1820
25
50
95
125
20
40
95
165
4.15
4.1085
4.1915
4.0670
4.2330
25
50
95
125
20
40
95
165
4.20
4.1580
4.2420
4.1160
4.2840
25
50
95
125
20
40
95
165
4.25
4.2075
4.2925
4.1650
4.3350
25
50
95
125
20
40
95
165
4.30
4.2570
4.3430
4.2140
4.3860
25
50
95
125
20
40
95
165
4.35
4.3065
4.3935
4.2630
4.4370
25
50
95
125
20
40
95
165
4.40
4.3560
4.4440
4.3120
4.4880
25
50
95
125
20
40
95
165
4.45
4.4055
4.4945
4.3610
4.5390
25
50
95
125
20
40
95
165
4.50
4.4550
4.5450
4.4100
4.5900
25
50
95
125
20
40
95
165
4.55
4.5045
4.5955
4.4590
4.6410
25
50
95
125
20
40
95
165
4.60
4.5540
4.6460
4.5080
4.6920
25
50
95
125
20
40
95
165
4.65
4.6035
4.6965
4.5570
4.7430
25
50
95
125
20
40
95
165
4.70
4.6530
4.7470
4.6060
4.7940
25
50
95
125
20
40
95
165
4.75
4.7025
4.7975
4.6550
4.8450
25
50
95
125
20
40
95
165
4.80
4.7520
4.8480
4.7040
4.8960
25
50
83
115
20
40
80
155
4.85
4.8015
4.8985
4.7530
4.9470
25
50
83
115
20
40
80
155
4.90
4.8510
4.9490
4.8020
4.9980
25
50
83
115
20
40
80
155
4.95
4.9005
4.9995
4.8510
5.0490
25
50
83
115
20
40
80
155
5.00
4.9500
5.0500
4.9000
5.1000
25
50
83
115
20
40
80
155
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6419CC18ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419CC01ER TOREX-XC6419CC01ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CC01ER-G TOREX-XC6419CC01ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CC01MR TOREX-XC6419CC01MR Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CC08ER TOREX-XC6419CC08ER Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6419CC08ER-G TOREX-XC6419CC08ER-G Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
More results

Similar Description - XC6419CC18ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com