Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG11CS9VAC Datasheet(PDF) 7 Page - Adam Technologies, Inc.

Part # RG11CS9VAC
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG11CS9VAC Datasheet(HTML) 7 Page - Adam Technologies, Inc.

Back Button RG11CS9VAC Datasheet HTML 3Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 4Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 5Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 6Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 7Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 9Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 10Page - Adam Technologies, Inc. RG11CS9VAC Datasheet HTML 11Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
56
RELAY
POWER RELAY-TYPE RPM
R SERIES
INTRODUCTION:
Adam Tech RPM relays are modern PCB mount medium power
relays. These small relays can switch loads up to 10 amps. They are
available in four different contact formats and are contained in a
sealed package, these relays are perfect for applications such as
home appliances, office equipment, DVDs, and microwave ovens.
FEATURES:
10 Amp Switching capability
Power consumption of 530mW nominal
Sealed construction
SPECIFICATIONS:
ELECTRICAL:
Contact arrangement: 1 Form A, 1 Form C / 2 Form A & 2 Form C
Contact material: Silver Alloy
Contact Rating (Resistive load): 10A @ 250V AC
10A @ 30V DC
Max. Switching Voltage: 250V AC / 30V DC
Max. Switching Power: 2500VA / 300W
Contact resistance: 50 m
Ω max. Initial
Insulation resistance: 1000 M
Ω min. @ 500V DC
Dielectric withstanding voltage:
Between Coil & Contact: 5000V AC 50/60Hz for 1 min.
Between Contacts: 1000V AC 50/60Hz for 1 min.
Operating time: 15 ms max.
Release time: 10 ms max.
Electrical Life: 100,000 Operations (at rated load)
MECHANICAL:
Vibration resistance (Endurance): 1.5mm Double Amplitude 10-55Hz
Shock resistance: 10G min.
Mechanical Life: 10,000,000 Operations (no load)
TEMPERATURE RATING:
Ambient temperature: -40°C to +85°C
PACKAGING:
Anti-ESD plastic trays or tubes
SAFETY AGENCY APPROVALS:
cUL Recognized File No. E305638
ORDERING INFORMATION
POWER RELAY
RPM
1C
P
SERIES INDICATOR
RPM = Power Relay
CONTACT FORM
1A = 1 form A
1C = 1 form C
2A = 2 form A
2C = 2 form C
TERMINALS
P = PCB Terminals
COIL VOLTAGE
5 = 5V DC
6 = 6V DC
9 = 9V DC
12 = 12V DC
24 = 24V DC
24
®
®
V
D E
UL
®
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
c
US


Similar Part No. - RG11CS9VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG11CS9VAC ADAM-TECH-RG11CS9VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG11CS9VAC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RT1-5 ADAM-TECH-RT1-5 Datasheet
151Kb / 2P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT1-XX ADAM-TECH-RT1-XX Datasheet
105Kb / 1P
   LOW PROFILE SMT SIGNAL RELAY
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
logo
TE Connectivity Ltd
RT1 TEC-RT1 Datasheet
492Kb / 4P
   Power PCB Relay RT1
logo
Tyco Electronics
2-1419108-8 MACOM-2-1419108-8 Datasheet
618Kb / 3P
   Power PCB Relay RT1
2-1393238-1 MACOM-2-1393238-1 Datasheet
726Kb / 4P
   Power PCB Relay RT1
2-1393238-5 MACOM-2-1393238-5 Datasheet
726Kb / 4P
   Power PCB Relay RT1
6-1393238-2 MACOM-6-1393238-2 Datasheet
492Kb / 4P
   Power PCB Relay RT1
RTD34012F MACOM-RTD34012F Datasheet
669Kb / 3P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com