Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRT-480 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # DRT-480
Description  480W Three Phase Industrial DIN RAIL Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DRT-480 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  DRT-480 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DRT-480 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SPECIFICATION
DRT-480-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDTIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
24V
20A
0~20A
480W
80mVp-p
24~28V
1.0%
0.5%
0.5%
1200ms,40ms/400VAC800ms,40ms/500VAC atfullload
16ms/400VAC35ms/500VAC atfullload
Three-Phase340~550VAC480~780VDC
47~63Hz
89%
1.7A/400VAC1.3A/500VAC
COLDSTART 50A
<3.5mA /530VAC
105~150% ratedoutputpower
30~36V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
110
5
(TSW)Detectonheatsinkofpowerswitch
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508,UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55011(CISPR11),EN55022(CISPR22),EN61204-3ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN61204-3,EN61000-6-2(EN50082-2)Heavyindustrylevel,criteria A
-20~+70
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
91.1Khrsmin.MIL-HDBK-217F(25
)
227*125.2*100mm(W*H*D)
2.5Kg;6pcs/16Kg/1.75CUFT
FileName:DRT-480-SPEC2005-09-06
DRT-480-48
48V
10A
0~10A
480W
80mVp-p
48~55V
1.0%
0.5%
0.5%
59~66V
480W ThreePhaseIndustrialDINRAIL PowerSupply
Three-Phase AC 340 ~ 550V wide range input
High efficiency 89% and low dissipation
Protections:Short circuit/Over load/Over voltage/Over temperature
Cooling by free air convection
Built-in constant current limiting circuit
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
EN61000-6-2(EN50082-2) industrial immunity level
100% full load burn-in test
3 years warranty
Features :
D R T- 4 8 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
EMICONDUCTION&RADIATION
NOTE
1. All parameters NOT specially mentioned are measured at 400VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Dual phase operation: derating of 20% is required.
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
90%


Similar Part No. - DRT-480

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-480 ASTRODYNE-DRT-480 Datasheet
346Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-480 MEANWELL-DRT-480 Datasheet
295Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRT-480 TOTAL-POWER-DRT-480 Datasheet
381Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-480-24 ASTRODYNE-DRT-480-24 Datasheet
346Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-480-24 MEANWELL-DRT-480-24 Datasheet
295Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
More results

Similar Description - DRT-480

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRT-480 MEANWELL-DRT-480_08 Datasheet
295Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-480 ASTRODYNE-DRT-480 Datasheet
346Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST480 ALTECH-PST480_1 Datasheet
115Kb / 2P
   480W Three-Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-480 TOTAL-POWER-DRT-480 Datasheet
381Kb / 2P
   480W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PSP480 ALTECH-PSP480_1 Datasheet
109Kb / 2P
   480W Single Phase Industrial DIN Rail Power Supply
PSP480S ALTECH-PSP480S_1 Datasheet
110Kb / 2P
   480W Single Phase Industrial DIN Rail Power Supply
logo
Applied Motion Products...
PS480D48 AMP-PS480D48 Datasheet
851Kb / 4P
   DIN Rail Power Supply ??Industrial ??480W
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Altech corporation
PST480 ALTECH-PST480 Datasheet
163Kb / 1P
   480W Three Phase DIN Rail Power Supply PST-480 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com