Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9904 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9904
Description  HV9904 Multi Converter Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9904 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9904 Datasheet HTML 1Page - Supertex, Inc HV9904 Datasheet HTML 2Page - Supertex, Inc HV9904 Datasheet HTML 3Page - Supertex, Inc HV9904 Datasheet HTML 4Page - Supertex, Inc HV9904 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Prepare by Telecom Group
3
Rev. D
3/29/2002
Supertex, Inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 FAX: (408) 222-4895 www.supertex.com
HV9904
Pinout
1
2
3
4
5
6
7
8
HV9904
+Vin
Vdd
AGND
PS
GATE
NC
PGND
NS
Pin Description
+VIN – This is the input to the internal linear regulator that provides
the constant voltage VDD internal supply for the PWM. It can
accept DC input voltages in the range of 10 to 400 Volts.
VDD – This is the output of the internal linear regulator and the
supply pin for the PWM circuits. It must be bypassed with a
capacitor capable of storing sufficient energy so that the voltage
does not decay below the UVLO threshold during the time when
the input voltage is below the minimum required by the regulator.
NC – No internal connection to this pin.
AGRD – Common connection for analog circuits.
GATE – This is the PWM output for driving the gate of an N-
channel external MOSFET.
PGRD – Common connection for GATE drive circuit.
NS – This is negative sense input to the PWM control circuit.
PS – This is positive sense input to the PWM control circuit
__________________________________________________________________________________________________________________
Functional Block Diagram
Regulator
UVLO
Vdd
+Vin
Vdd
AGND
Integrator
Reference
Vref
Variable Frequency and
Duty Cycle Oscillator
Gate
Driver
Differential
Sense
GATE
PGND
PS
NS
Functional Description
On initial power application the high input voltage (10V to 400V)
linear regulator charges the capacitor connected to Vdd and seeks
to provide a stable supply for the internal circuitry and gate drive to
the external MOSFET. Under voltage lockout (UVLO) holds the
oscillator disabled and reset to its lowest frequency state until the
Vdd supply rises above 8Volts assuring sufficient gate drive
voltage for the external MOSFET. Once Vdd is above the UVLO
threshold the oscillator is enabled and the external MOSFET is
driven via the gate driver at the oscillator frequency. The UVLO
has a 0.5V hysteresis to prevent false triggering due to ripple on
Vdd.
The duty cycle of the oscillator output and thus the on time of the
MOSFET is determined by a feed forward circuit that sets the
maximum on time based on the instantaneous value of the input
voltage, thus avoiding core saturation of the magnetic elements.
The oscillator is initially operating at its lowest frequency and
continues to operate at this low frequency for several cycles to
assure that a stable equilibrium state is reached. After this initial
delay the feedback circuit is enabled and the oscillator frequency is
increased in small steps on oscillator cycles until the PWM output
(current or voltage) reaches the programmed value. Since the rate
of increase in frequency is a function of the frequency the oscillator
frequency will rise exponentially.
The differential sense circuit monitors the programming node
(voltage on current sense resistor for constant average current
control or voltage on resistive divider for constant average voltage
control) using an integrator lock loop feedback to obtain a stable
average value from even a discontinuous signal. As long as this
average value is less than 2.5V the oscillator frequency is
incremented. When the average value reaches 2.5V the oscillator
frequency incrementing is halted. If the average value exceeds
2.5V then the oscillator frequency is decremented. In this manner
the oscillator frequency is dithered to maintain output regulation
while the feed forward sensing of the input voltage maintains a
fixed value of energy transfer per oscillator cycle.
Line regulation is controlled by the instantaneous feed forward
sensing of the input voltage, thus the PWM can easily track a full
wave rectified sine wave of input voltage at 50Hz, 60Hz or 400Hz
provided that the capacitor connected at Vdd can store sufficient
energy to prevent decay below the UVLO threshold during the time
when the resulting input voltage at +Vin is below 10V. For a 50Hz
rectified sine wave a 1
µF capacitor connected to Vdd is sufficient
to guarantee stable operation at 50Hz.
Load regulation is controlled via the feedback sensing circuit by
adjusting the oscillator frequency to maintain average energy
transfer consistent with the load conditions. For relatively stable
load conditions this method achieves excellent regulation. For a
constant load the switching frequency will be nearly constant with a
dither of a few kHz helping to meet FCC conducted emissions
requirements.


Similar Part No. - HV9904

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
HV9901 SUTEX-HV9901 Datasheet
580Kb / 7P
   Universal Relay Driver
logo
Microchip Technology
HV9901 MICROCHIP-HV9901 Datasheet
498Kb / 16P
   Universal Relay Driver
06/23/16
logo
Supertex, Inc
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
HV9901NG SUTEX-HV9901NG Datasheet
75Kb / 6P
   Universal Relay Driver
More results

Similar Description - HV9904

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3101 LINER-LTC3101 Datasheet
421Kb / 32P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101_15 Datasheet
541Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
LTC3101 LINER-LTC3101_10 Datasheet
537Kb / 34P
   Wide VIN, Multi-Output DC/DC Converter and PowerPath Controller
logo
ON Semiconductor
NCP81233 ONSEMI-NCP81233 Datasheet
320Kb / 44P
   Multi?륯hase Controller
March, 2017 ??Rev. P1
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
   Multi-Protocol Multi-Channel Communications Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Realtek Semiconductor C...
RTD2556-CG REALTEK-RTD2556-CG Datasheet
1Mb / 22P
   MULTI-FUNCTION DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com