Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DR-75 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. DR-75
Description  75W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

DR-75 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
DR-75-12
DR-75-24
DR-75-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
12V
24V
48V
6.3A
3.2A
1.6A
0~6.3A
0~3.2A
0~1.6A
76W
76.8W
76.8W
100mVp-p
150mVp-p
240mVp-p
2.0%
1.0%
1.0%
12~14V
24~28V
48~53V
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
85~264VAC120~370VDC
47~63Hz
76%
80%
81%
1.6A/115V0.96A/230V
COLDSTART 20A/115VAC40A/230VAC
<1mA /240VAC
105~150% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
15~16.5V
29~34V
58~65V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
85
5
(TSW1)detectonheatsinkofpowertransistor
Protectiontype: Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508, TUVEN60950-1approved
CompliancetoEN55011,EN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN55024,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6
123.1Khrsmin.MIL-HDBK-217F(25
)
55.5*125.2*100mm(W*H*D)
0.6Kg;20pcs/13Kg/1.29CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
FileName:DR-75-SPEC2008-04-07
1000ms,60ms/230VAC1800ms,60ms/115VAC atfullload
60ms/230VAC12ms/115VAC atfullload
75WSingleOutputIndustrialDINRailPowerSupply
D R - 7 5 series
Universal AC input / Full range
Protections:Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
LED indicator for power on
100% full load burn-in test
Fix switching frequency at 50KHz
3 years warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
ENVIRONMENT
PROTECTION
SAFETY &
EMC
(Note4)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn