Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XO5167B1D Datasheet(PDF) 6 Page - MTRONPTI

Part # XO5167B1D
Description  14 DIP, 3.3 or 5.0 Volt, HCMOS Compatible Output, OCXO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

XO5167B1D Datasheet(HTML) 6 Page - MTRONPTI

  XO5167B1D Datasheet HTML 1Page - MTRONPTI XO5167B1D Datasheet HTML 2Page - MTRONPTI XO5167B1D Datasheet HTML 3Page - MTRONPTI XO5167B1D Datasheet HTML 4Page - MTRONPTI XO5167B1D Datasheet HTML 5Page - MTRONPTI XO5167B1D Datasheet HTML 6Page - MTRONPTI XO5167B1D Datasheet HTML 7Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact MtronPTI for your application specific requirements at 800.762.8800 toll free or 605.665.9321.
6
Maximum Soldering Conditions
Tape & Reel Specifications (Surface Mount Package)
Standard Tape and Reel: 250 parts per reel
+245 °C for 10 seconds max (DIP version only)
+220 °C for 10 seconds max (SMT version only)
Note: Exceeding these limits may damage the device.
XO5166 and XO5167 Series
14 DIP, 3.3 or 5.0 Volt, HCMOS Compatible Output, OCXO
(all measurements
are in mm)
A
B
C
D
E
F
G
H
J
K
L
M
N
XO5166/XO5167 13.36 20.83
1.55
14.20 10.97
2.00
20.00 32.00
330
13.00 20.20
100
32.40


Similar Part No. - XO5167B1D

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5160 MTRONPTI-XO5160 Datasheet
57Kb / 1P
   Standard DIP/DIL Package
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160 MTRONPTI-XO5160 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160AR1 MTRONPTI-XO5160AR1 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160AR1-R MTRONPTI-XO5160AR1-R Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
More results

Similar Description - XO5167B1D

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5165 MTRONPTI-XO5165 Datasheet
247Kb / 1P
   14 pin DIP, 5.0 or 3.3 Volt, HCMOS, OCXO
XO5164 MTRONPTI-XO5164 Datasheet
245Kb / 1P
   14 pin DIP, 3.3 Volt, HCMOS, OCXO
XO5160 MTRONPTI-XO5160_07 Datasheet
262Kb / 2P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
   14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
logo
Raltron Electronics Cor...
VC-VE7850A-LZ-100-FREQ-EL RALTRON-VC-VE7850A-LZ-100-FREQ-EL Datasheet
23Kb / 1P
   3.3 & 5.0 VOLT - DIP 14
logo
MTRONPTI
XO5162 MTRONPTI-XO5162 Datasheet
216Kb / 1P
   14 pin DIP, 5.0 Volt, Sinewave, OCXO
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MTXO MTRONPTI-MTXO Datasheet
242Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, TCXO
K1523BA MTRONPTI-K1523BA_07 Datasheet
534Kb / 2P
   14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com