Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 92 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 92 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 88Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 89Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 90Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 91Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 92Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 93Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 94Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 95Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 96Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
5–2
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Operating Conditions
Table 5–2 specifies the recommended operating conditions for Cyclone II
devices. It shows the allowed voltage ranges for VCCINT, VCCIO, and the
operating junction temperature (TJ). The LVTTL and LVCMOS inputs are
powered by VCCIO only. The LVDS and LVPECL input buffers on
dedicated clock pins are powered by VCCINT. The SSTL, HSTL, LVDS
input buffers are powered by both VCCINT and VCCIO.
Table 5–2. Recommended Operating Conditions
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Supply voltage for internal
logic and input buffers
(1)
1.15
1.25
V
VCCIO (2)
Supply voltage for output
buffers, 3.3-V operation
(1)
3.135 (3.00)
3.465 (3.60)
(3)
V
Supply voltage for output
buffers, 2.5-V operation
(1)
2.375
2.625
V
Supply voltage for output
buffers, 1.8-V operation
(1)
1.71
1.89
V
Supply voltage for output
buffers, 1.5-V operation
(1)
1.425
1.575
V
TJ
Operating junction
temperature
For commercial use
0
85
°C
For industrial use
–40
100
°C
For extended
temperature use
–40
125
°C
For automotive use
–40
125
°C
Notes to Table 5–2:
(1)
The VCC must rise monotonically. The maximum VCC (both VCCIO and VCCINT) rise time is 100 ms for non-A devices
and 2 ms for A devices.
(2)
The VCCIO range given here spans the lowest and highest operating voltages of all supported I/O standards. The
recommended VCCIO range specific to each of the single-ended I/O standards is given in Table 5–6, and those
specific to the differential standards is given in Table 5–8.
(3)
The minimum and maximum values of 3.0 V and 3.6 V, respectively, for VCCIO only applies to the PCI and PCI-X
I/O standards. Refer to Table 5–6 for the voltage range of other I/O standards.


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com