Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 56 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 56 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 52Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 53Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 54Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 55Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 56Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 57Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 58Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 59Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 168 page
background image
2–44
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Programmable delays can increase the register-to-pin delays for output
registers. Table 2–13 shows the programmable delays for Cyclone II
devices.
There are two paths in the IOE for an input to reach the logic array. Each
of the two paths can have a different delay. This allows you to adjust
delays from the pin to internal LE registers that reside in two different
areas of the device. You set the two combinational input delays by
selecting different delays for two different paths under the Input delay
from pin to internal cells logic
option in the Quartus II software.
However, if the pin uses the input register, one of delays is disregarded
because the IOE only has two paths to internal logic. If the input register
is used, the IOE uses one input path. The other input path is then
available for the combinational path, and only one input delay
assignment is applied.
The IOE registers in each I/O block share the same source for clear or
preset. You can program preset or clear for each individual IOE, but both
features cannot be used simultaneously. You can also program the
registers to power up high or low after configuration is complete. If
programmed to power up low, an asynchronous clear can control the
registers. If programmed to power up high, an asynchronous preset can
control the registers. This feature prevents the inadvertent activation of
another device’s active-low input upon power up. If one register in an
IOE uses a preset or clear signal then all registers in the IOE must use that
same signal if they require preset or clear. Additionally a synchronous
reset signal is available for the IOE registers.
External Memory Interfacing
Cyclone II devices support a broad range of external memory interfaces
such as SDR SDRAM, DDR SDRAM, DDR2 SDRAM, and QDRII SRAM
external memories. Cyclone II devices feature dedicated high-speed
interfaces that transfer data between external memory devices at up to
167 MHz/333 Mbps for DDR and DDR2 SDRAM devices and
167 MHz/667 Mbps for QDRII SRAM devices. The programmable DQS
delay chain allows you to fine tune the phase shift for the input clocks or
strobes to properly align clock edges as needed to capture data.
Table 2–13. Cyclone II Programmable Delay Chain
Programmable Delays
Quartus II Logic Option
Input pin to logic array delay
Input delay from pin to internal cells
Input pin to input register delay
Input delay from pin to input register
Output pin delay
Delay from output register to output pin


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com