Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HCT86A Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74HCT86A
Description  Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HCT86A Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74HCT86A Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HCT86A Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HCT86A Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HCT86A Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HCT86A Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74HCT86A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High-
Level Output Voltage
VIN= VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VIN= VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
4.5
0.26
0.33
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
5.5
2.0
20
40
µA
∆I
CC
Additional Quiescent
Supply Current
VIN = 2.4 V, Any One Input
VIN=VCC or GND, Other
Inputs
≥-55°C
25
°C to
125
°C
mA
IOUT=0µA
5.5
2.9
2.4
Rev. 00


Similar Part No. - IN74HCT86A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT86A INTEGRAL-IN74HCT86A Datasheet
178Kb / 5P
   Quad 2-Input Exclusive OR Gate
IN74HCT86AD INTEGRAL-IN74HCT86AD Datasheet
178Kb / 5P
   Quad 2-Input Exclusive OR Gate
IN74HCT86AN INTEGRAL-IN74HCT86AN Datasheet
178Kb / 5P
   Quad 2-Input Exclusive OR Gate
More results

Similar Description - IN74HCT86A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HCT86A KODENSHI-KK74HCT86A Datasheet
194Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC86 SLS-SL74HC86 Datasheet
34Kb / 4P
   Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
SL74HCT86 SLS-SL74HCT86 Datasheet
34Kb / 4P
   Quad 2-Input Exclusive OR Gate(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC86 INTEGRAL-IN74HC86 Datasheet
71Kb / 4P
   Quad 2-Input Exclusive OR Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC86 IKSEMICON-IN74AC86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC86 INTEGRAL-IN74AC86 Datasheet
84Kb / 4P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT86 KODENSHI-KK74ACT86 Datasheet
209Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
KK74AC86 KODENSHI-KK74AC86 Datasheet
210Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT86 IKSEMICON-IN74ACT86 Datasheet
149Kb / 5P
   Quad 2-Input Exclusive OR Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC32A KODENSHI-KK74HC32A Datasheet
199Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com