Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC166AD Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74HC166AD
Description  8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC166AD Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74HC166AD Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC166AD Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC166AD Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC166AD Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC166AD Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC166AD Datasheet HTML 6Page - IK Semicon Co., Ltd IN74HC166AD Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IN74HC166A
Rev. 00
AC ELECTRICAL CHARACTERISTICS (C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25 °C
to
-55°C
≤85°C
≤125°C
Unit
fmax
Minimum Clock Frequency (50% Duty Cycle)
(Figures 2 and 4)
2.0
4.5
6.0
6.0
31
36
5.0
25
28
4.2
21
25
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock (or Clock
Inhibit) to QH (Figures 2,3 and 4)
2.0
4.5
6.0
140
28
24
175
35
30
210
42
36
ns
tPHL
Maximum Propagation Delay , Clear to QH
(Figures 1 and 4)
2.0
4.5
6.0
150
30
26
200
40
34
230
48
40
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
4.5
6.0
75
16
14
95
20
18
110
25
20
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Package)
Typical @25°C,VCC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
140
pF
TIMING REQUIREMENTS (C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25 °C to
-55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Shift/Load to
Clock (Figure 3)
2.0
4.5
6.0
80
16
14
100
20
18
120
24
20
ns
tsu
Minimum Setup Time, Data before
Clock (or Clock Inhibit) (Figure 3)
2.0
4.5
6.0
80
16
14
100
20
18
120
24
20
ns
tw
Minimum Pulse Width, Clock (or
Clock Inhibit) (Figure 2)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns


Similar Part No. - IN74HC166AD

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC166 INTEGRAL-IN74HC166 Datasheet
153Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166D INTEGRAL-IN74HC166D Datasheet
153Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166N INTEGRAL-IN74HC166N Datasheet
153Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC166AD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC165 INTEGRAL-IN74HC165 Datasheet
131Kb / 7P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC166A KODENSHI-KK74HC166A Datasheet
274Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC166 INTEGRAL-IN74HC166 Datasheet
153Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC597A IKSEMICON-IN74HC597A Datasheet
200Kb / 10P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC164 INTEGRAL-IN74HC164 Datasheet
96Kb / 5P
   8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC164A KODENSHI-KK74HC164A Datasheet
322Kb / 6P
   8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC597A KODENSHI-KK74HC597A Datasheet
310Kb / 10P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com