Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC112AN Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74HC112AN
Description  Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC112AN Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74HC112AN Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC112AN Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC112AN Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC112AN Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC112AN Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC112AN Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IN74HC112A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input Voltage
VOUT=0.1 V or VCC-0.1 V
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VOH
Minimum High-
Level Output Voltage
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output Voltage
VIN= VIL or VIH
⎢I
OUT⎢ ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN= VIL or VIH
⎢I
OUT⎢ ≤ 4.0 mA
⎢I
OUT⎢ ≤ 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
4.0
40
80
µA
Rev. 00


Similar Part No. - IN74HC112AN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC11A INTEGRAL-IN74HC11A Datasheet
178Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC11A IKSEMICON-IN74HC11A Datasheet
185Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
logo
Integral Corp.
IN74HC11AD INTEGRAL-IN74HC11AD Datasheet
178Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
IN74HC11AN INTEGRAL-IN74HC11AN Datasheet
178Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC112AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT109A IKSEMICON-IN74HCT109A Datasheet
231Kb / 6P
   Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC109A KODENSHI-KK74HC109A Datasheet
242Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
KK74HC112A KODENSHI-KK74HC112A Datasheet
245Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC109A IKSEMICON-IN74HC109A Datasheet
230Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT109A KODENSHI-KK74HCT109A Datasheet
245Kb / 6P
   Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
KK74AC109 KODENSHI-KK74AC109 Datasheet
316Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC112 INTEGRAL-IN74AC112 Datasheet
179Kb / 5P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT109 KODENSHI-KK74ACT109 Datasheet
291Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC112 IKSEMICON-IN74AC112 Datasheet
223Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT112 IKSEMICON-IN74ACT112 Datasheet
219Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com