Electronic Components Datasheet Search |
|
IN74HC86AN Datasheet(PDF) 3 Page - IK Semicon Co., Ltd |
|
IN74HC86AN Datasheet(HTML) 3 Page - IK Semicon Co., Ltd |
3 / 5 page IN74HC86A DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND) VCC Guaranteed Limit Symbol Parameter Test Conditions V 25 °C to -55 °C ≤85 °C ≤125 °C Unit VIH Minimum High- Level Input Voltage VOUT=0.1 V or VCC-0.1 V ⎢I OUT⎢≤ 20 µA 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 V VIL Maximum Low - Level Input Voltage VOUT=0.1 V or VCC-0.1 V ⎢I OUT⎢ ≤ 20 µA 2.0 4.5 6.0 0.3 0.9 1.2 0.3 0.9 1.2 0.3 0.9 1.2 V VOH Minimum High- Level Output Voltage VIN= VIH or VIL ⎢I OUT⎢ ≤ 20 µA 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 V VIN= VIH or VIL ⎢I OUT⎢ ≤ 4.0 mA ⎢I OUT⎢ ≤ 5.2 mA 4.5 6.0 3.98 5.48 3.84 5.34 3.7 5.2 VOL Maximum Low- Level Output Voltage VIN=VIH or VIL ⎢I OUT⎢ ≤ 20 µA 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V VIN=VIH or VIL ⎢I OUT⎢ ≤ 4.0 mA ⎢I OUT⎢ ≤ 5.2 mA 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 IIN Maximum Input Leakage Current VIN=VCC or GND 6.0 ±0.1 ±1.0 ±1.0 µA ICC Maximum Quiescent Supply Current (per Package) VIN=VCC or GND IOUT=0µA 6.0 2.0 20 40 µA Rev. 00 |
Similar Part No. - IN74HC86AN |
|
Similar Description - IN74HC86AN |