Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4516B Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IW4516B
Description  Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4516B Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IW4516B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4516B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4516B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4516B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4516B Datasheet HTML 5Page - IK Semicon Co., Ltd IW4516B Datasheet HTML 6Page - IK Semicon Co., Ltd IW4516B Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IW4516B
Rev. 00
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
≥-55°C
25
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V or VCC - 1.5V
5.0
10
15
3.5
7
11
3.5
7
11
3.5
7
11
V
VIL
Maximum Low -
Level Input Voltage
VOUT= 0.5 V or VCC - 0.5V
VOUT= 1.0 V or VCC - 1.0 V
VOUT= 1.5 V or VCC - 1.5V
5.0
10
15
1.5
3
4
1.5
3
4
1.5
3
4
V
VOH
Minimum High-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
4.95
9.95
14.95
V
VOL
Maximum Low-Level
Output Voltage
VIN=GND or VCC
5.0
10
15
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
IIN
Maximum Input
Leakage Current
VIN= GND or VCC
18
±0.1
±0.1
±1.0
μA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN= GND or VCC
5.0
10
15
20
5
10
20
100
5
10
20
100
150
300
600
3000
μA
IOL
Minimum Output
Low (Sink) Current
VIN= GND or VCC
UOL=0.4 V
UOL=0.5 V
UOL=1.5 V
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.36
0.9
2.4
mA
IOH
Minimum Output
High (Source) Current
VIN= GND or VCC
UOH=2.5 V
UOH=4.6 V
UOH=9.5 V
UOH=13.5 V
5.0
5.0
10
15
-2
-0.64
-1.6
-4.2
-1.6
-0.51
-1.3
-3.4
-1.15
-0.36
-0.9
-2.4
mA


Similar Part No. - IW4516B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4516B ETC-IW4516B Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
IW4516BD ETC-IW4516BD Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
IW4516BN ETC-IW4516BN Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4516B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4516 ETC-IW4516 Datasheet
284Kb / 6P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4029 INTEGRAL-IW4029 Datasheet
371Kb / 8P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4029B IKSEMICON-IW4029B Datasheet
352Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4029B KODENSHI-KK4029B Datasheet
506Kb / 9P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK4516B KODENSHI-KK4516B Datasheet
435Kb / 7P
   Presettable Up/Down Counter High-Voltage Silicon-Gate CMOS
KK74ACT192 KODENSHI-KK74ACT192 Datasheet
508Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74HC192A KODENSHI-KK74HC192A Datasheet
360Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
KK74AC192 KODENSHI-KK74AC192 Datasheet
521Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC192A IKSEMICON-IN74HC192A Datasheet
244Kb / 8P
   Presettable BCD/Decade UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
   CMOS Presettable Up/Down Counter
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com