Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4098BN Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IW4098BN
Description  Two Multivibrators (flip-flop) High-Voltage Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4098BN Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IW4098BN Datasheet HTML 1Page - IK Semicon Co., Ltd IW4098BN Datasheet HTML 2Page - IK Semicon Co., Ltd IW4098BN Datasheet HTML 3Page - IK Semicon Co., Ltd IW4098BN Datasheet HTML 4Page - IK Semicon Co., Ltd IW4098BN Datasheet HTML 5Page - IK Semicon Co., Ltd IW4098BN Datasheet HTML 6Page - IK Semicon Co., Ltd IW4098BN Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IW4098B
Time Diagram
U
DD
0 V
0.9
t
LH
t
HL
t
PLH
U
OH
U
OL
Output Q
0.5
0.1
0.5U
DD
Input TR+
U
OH
U
OL
Output NQ
0.5U
DD
t
PHL
t
W
t
TLH
0.1
0.9
0.9
0.1
t
THL
U
DD
0V
Input TR-
0.9
t
HL
t
LH
0.5
0.1
0.9
0.5
0.1
t
PLH
U
OH
U
OL
Output Q
0.5U
DD
U
OH
U
OL
Output NQ
0.5U
DD
t
PHL
t
TLH
0.1
0.9
0.9
0.1
t
THL
t
W
Rev. 00


Similar Part No. - IW4098BN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4093B INTEGRAL-IW4093B Datasheet
134Kb / 5P
   Quad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4093B IKSEMICON-IW4093B Datasheet
242Kb / 6P
   Quad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4093BD INTEGRAL-IW4093BD Datasheet
134Kb / 5P
   Quad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4093BD IKSEMICON-IW4093BD Datasheet
242Kb / 6P
   Quad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4093BN INTEGRAL-IW4093BN Datasheet
134Kb / 5P
   Quad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4098BN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4013B INTEGRAL-IW4013B Datasheet
177Kb / 5P
   Dual D Flip-Flop High-Voltage Silicon-Gate CMOS
IN74ACT374 INTEGRAL-IN74ACT374 Datasheet
226Kb / 5P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP High-Speed Silicon-Gate CMOS
IN74HCT374A INTEGRAL-IN74HCT374A Datasheet
120Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74HCT574A INTEGRAL-IN74HCT574A Datasheet
114Kb / 5P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT574 KODENSHI-KK74ACT574 Datasheet
341Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC534A IKSEMICON-IN74HC534A Datasheet
172Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Performance Silicon-Gate CMOS
IN74AC574 IKSEMICON-IN74AC574 Datasheet
245Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC374A INTEGRAL-IN74HC374A Datasheet
115Kb / 5P
   Octal 3-State Noninverting D Flip-Flop (High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT374A KODENSHI-KK74HCT374A Datasheet
248Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
KK74ACT374 KODENSHI-KK74ACT374 Datasheet
344Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com