Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4027B Datasheet(PDF) 6 Page - IK Semicon Co., Ltd

Part # IW4027B
Description  Dual JK Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4027B Datasheet(HTML) 6 Page - IK Semicon Co., Ltd

  IW4027B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4027B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4027B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4027B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4027B Datasheet HTML 5Page - IK Semicon Co., Ltd IW4027B Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IW4027B
N SUFFIX PLASTIC
(MS - 001BB)
Dimensions, mm
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9
Symbol
MIN
MAX
A
18.67
19.69
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
2.54
H
7.62
J
0
°
10
°
K
2.92
3.81
Rev. 00
L
7.62
8.26
NOTES:
M
0.20
0.36
1.
imensions “A”, “B” do not include mold flash or protrusions.
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AC)
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
16
8
9
Dimensions, mm
Symbol.
MIN
MAX
A
9.80
10.0
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
1.27
H
5.72
J
0
°
8
°
K
0.10
0.25
NOTES:
M
0.19
0.25
1.Dimensions A and B do not include mold flash or protrusion.
P
5.80
6.20
2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A, for
B - 0.25 mm (0.010) per side.
R
0.25
0.50


Similar Part No. - IW4027B

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
IW4027BD INTEGRAL-IW4027BD Datasheet
48Kb / 6P
   Dual JK Flip-Flop
IW4027BN INTEGRAL-IW4027BN Datasheet
48Kb / 6P
   Dual JK Flip-Flop
More results

Similar Description - IW4027B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
logo
Nexperia B.V. All right...
HEF4027B-Q100 NEXPERIA-HEF4027B-Q100 Datasheet
684Kb / 13P
   Dual JK flip-flop
logo
List of Unclassifed Man...
74LS76 ETC-74LS76 Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com