Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV825 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV825
Description  High Voltage EL Lamp Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV825 Datasheet(HTML) 1 Page - Supertex, Inc

  HV825 Datasheet HTML 1Page - Supertex, Inc HV825 Datasheet HTML 2Page - Supertex, Inc HV825 Datasheet HTML 3Page - Supertex, Inc HV825 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
HV825
Absolute Maximum Ratings*
Supply voltage, V
DD
-0.5V to +2.5V
Operating Temperature Range
-25
°C to +85°C
Storage Temperature Range
-65
°C to +150°C
MSOP-8 Power Dissipation
300mW
SO-8 Power Dissipation
400mW
Note:
*All voltages are referenced to GND.
High Voltage EL Lamp Driver
Features
❏ Processed with HVCMOS® technology
❏ 1.0V to 1.6V operating supply voltage
❏ DC to AC conversion
❏ Output load of typically up to 6nF
❏ Adjustable output lamp frequency
❏ Adjustable converter frequency
❏ Enable function
General Description
The Supertex HV825 is a high voltage driver designed for driving
EL lamps typically up to 6nF. The input supply voltage range is
from 1.0V to 1.6V. The device uses a single inductor and a
minimum number of passive components. Typical output
voltage that can be applied to the EL lamp is
±56V.
The HV825 can be enabled/disabled by connecting the R
SW-osc
resistor to VDD/ground.
The HV825 has two internal oscillators, a switching bipolar
junction transistor (BJT), and a high voltage EL lamp driver. The
frequency for the switching BJT is set by an external resistor
connected between the R
SW-osc pin and the supply pin VDD. The
EL lamp driver frequency is set by an external resistor connected
between R
EL-osc pin and the VDD pin.
An external inductor is
connected between the L
X and VDD pins. A 0.01 to 0.1µF, 100V
capacitor is connected between CS and ground. The EL lamp is
connected between V
A and VB.
The switching BJT charges the external inductor and discharges
it into the 0.01 to 0.1
µF, 100V capacitor at C
S. The voltage at CS
will start to increase. The outputs V
A and VB are configured as
an H-bridge and are switching in opposite states to achieve a
peak-to-peak voltage of two times the V
CS voltage across the EL
lamp.
Pin Configuration
Applications
❏ Pagers
❏ Portable Transceiver
❏ Cellular phones
❏ Remote control units
❏ Calculators
1
2
3
4
8
7
6
5
VDD
REL-osc
R
SW-osc
V
A
C
s
V
B
Lx
GND
top view
SO-8/MSOP-8
For detailed circuit and application information, please refer
to application notes AN-H33 and AN-H34.
Package Options
Device
Input Voltage
8-Lead SO
MSOP-8
Die
HV825
1.0 to 1.6V
HV825LG
HV825MG*
HV825X
* Product supplied on 2500 piece carrier tape reels.
Ordering Information
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.


Similar Part No. - HV825

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV825LG SUTEX-HV825LG Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV825LG-G SUTEX-HV825LG-G Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV825MG SUTEX-HV825MG Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV825MG-G SUTEX-HV825MG-G Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
More results

Similar Description - HV825

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
   High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
   High Voltage EL Lamp Driver
logo
Clare, Inc.
CPC6826 CLARE-CPC6826 Datasheet
821Kb / 12P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com