Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4020BN Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IW4020BN
Description  14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4020BN Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IW4020BN Datasheet HTML 1Page - IK Semicon Co., Ltd IW4020BN Datasheet HTML 2Page - IK Semicon Co., Ltd IW4020BN Datasheet HTML 3Page - IK Semicon Co., Ltd IW4020BN Datasheet HTML 4Page - IK Semicon Co., Ltd IW4020BN Datasheet HTML 5Page - IK Semicon Co., Ltd IW4020BN Datasheet HTML 6Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IW4020B
Rev. 00
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air, Plastic DIP+
SOIC Package+
500*1
mW
Ptot
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
*1 For TA=-55 to 100°C (package plastic DIP), for TA=-55 to 65°C (package SOIC)
+Derating - Plastic DIP: - 12 mW/
°C from 100°С to 125°C
SOIC Package: : - 7 mW/
°C from 65°С to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.


Similar Part No. - IW4020BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4020BN ETC1-IW4020BN Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
More results

Similar Description - IW4020BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4020B KODENSHI-KK4020B Datasheet
326Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B_15 Datasheet
241Kb / 9P
   CMOS 14-Stage Ripple-Carry Binary Counter/Divider
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
IK Semicon Co., Ltd
IW4060B IKSEMICON-IW4060B Datasheet
212Kb / 6P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
IW4024B IKSEMICON-IW4024B Datasheet
219Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4060B INTEGRAL-IW4060B Datasheet
198Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
KODENSHI_AUK CORP.
KK4060B KODENSHI-KK4060B Datasheet
313Kb / 6P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
KK4024B KODENSHI-KK4024B Datasheet
340Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
Intersil Corporation
CD4060BMS INTERSIL-CD4060BMS Datasheet
91Kb / 9P
   CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com