Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC4060ADW Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IN74HC4060ADW
Description  14 STAGE BINARY COUNTER/OSCILLATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74HC4060ADW Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74HC4060ADW Datasheet HTML 1Page - IK Semicon Co., Ltd IN74HC4060ADW Datasheet HTML 2Page - IK Semicon Co., Ltd IN74HC4060ADW Datasheet HTML 3Page - IK Semicon Co., Ltd IN74HC4060ADW Datasheet HTML 4Page - IK Semicon Co., Ltd IN74HC4060ADW Datasheet HTML 5Page - IK Semicon Co., Ltd IN74HC4060ADW Datasheet HTML 6Page - IK Semicon Co., Ltd IN74HC4060ADW Datasheet HTML 7Page - IK Semicon Co., Ltd IN74HC4060ADW Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IN74HC4060A
DC ELECTRICAL CHARACTERISTICS
Test Condition
Value
TA = 25°C
-55
°C to 125°C
Symbol
Parameter
VCC
(V)
Min
Max
Min
Max
Unit
2.0
1.5
1.5
4.5
3.15
3.15
VIH
High Level Input
Voltage
6.0
4.2
4.2
V
2.0
0.5
0.5
4.5
1.35
1.35
VIL
Low Level Input
Voltage
6.0
1.8
1.8
V
2.0
IO = -20 μA
1.9
1.9
4.5
IO = -20 μA
4.4
4.4
6.0
IO = -20 μA
5.9
5.9
4.5
IO= -4.0 μA
4.18
4.10
VOH
High Level Output
Voltage
(Q Output)
6.0
IO = -5.2 μA
5.68
5.60
V
2.0
IO = 20 μA
0.1
0.1
4.5
IO = 20 μA
0.1
0.1
6.0
IO = 20 μA
0.1
0.1
4.5
IO= 4.0 μA
0.26
0.40
VOL
Low Level Output
Voltage
(Q Output)
6.0
IO= 5.2 μA
0.26
0.40
V
2.0
IO = -20 μA
1.8
1.8
4.5
IO = -20 μA
4.4
4.0
VOH
High Level Output
Voltage
(
∅O,
∅O Output)
6.0
IO = -20 μA
5.5
5.5
V
2.0
IO = 20 μA
0.2
0.2
4.5
IO = 20 μA
0.5
0.5
VOL
Low Level Output
Voltage
(
∅O,
∅O Output)
6.0
IO = 20 μA
0.5
0.5
V
II
Input Leakage Current
6.0
VI = VCC or GND
±0.1
±1
μA
ICC
Quiescent Supply
Current
6.0
V I= VCC or GND
4
80
μA
Rev. 00


Similar Part No. - IN74HC4060ADW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC4060ADW INTEGRAL-IN74HC4060ADW Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
More results

Similar Description - IN74HC4060ADW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
   RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com