Electronic Components Datasheet Search |
|
IN74HC4052AD Datasheet(PDF) 3 Page - IK Semicon Co., Ltd |
|
IN74HC4052AD Datasheet(HTML) 3 Page - IK Semicon Co., Ltd |
3 / 8 page IN74HC4052A Rev. 00 DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) VEE=GND, Except Where Noted VCC Guaranteed Limit Symbol Parameter Test Conditions V -55 °C to 25 °C ≤85 °C ≤125 °C Unit VIH Minimum High-Level Input Voltage, Channel-Select or Enable Inputs RON = Per Spec 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 V VIL Maximum Low -Level Input Voltage, Channel-Select or Enable Inputs RON = Per Spec 2.0 4.5 6.0 0.3 0.9 1.2 0.3 0.9 1.2 0.3 0.9 1.2 V IIN Maximum Input Leakage Current, Channel-Select or Enable Inputs VIN=VCC or GND, VEE=-6.0 V 6.0 ±0.1 ±1.0 ±1.0 μA ICC Maximum Quiescent Supply Current (per Package) Channel Select = VCC or GND Enable = VCC or GND VIS = VCC or GND VIO= 0 V VEE = GND VEE = -6.0 V 6.0 6.0 2 8 20 80 40 160 μA DC ELECTRICAL CHARACTERISTICS Analog Section VCC VEE Guaranteed Limit Symbol Parameter Test Conditions V V 25 °C to -55 °C ≤85 °C ≤125 °C Unit RON Maximum “ON” Resistance VIN=VIL or VIH VIS = VCC to VEE IS ≤ 2.0 mA 4.5 4.5 6.0 0.0 -4.5 -6.0 190 120 100 240 150 125 280 170 140 Ω VIN=VIL or VIH VIS = VCC or VEE (Endpoints) IS ≤ 2.0 mA 4.5 4.5 6.0 0.0 -4.5 -6.0 150 100 80 190 125 100 230 140 115 ΔR ON Maximum Difference in “ON” Resistance Between Any Two Channels in the Same Package VIN=VIL or VIH VIS = 1/2 (VCC- VEE) IS ≤ 2.0 mA 4.5 4.5 6.0 0.0 -4.5 -6.0 30 12 10 35 15 12 40 18 14 Ω IOFF Maximum Off- Channel Leakage Current, Any One Channel VIN=VIL or VIH VIO = VCC- VEE Switch Off 6.0 -6.0 0.1 0.5 1.0 μA Maximum Off- Channel Leakage Current, Common Channel VIN=VIL or VIH VIO= VCC- VEE Switch Off 6.0 -6.0 0.1 1.0 2.0 ION Maximum On- Channel Leakage Current, Channel to Channel VIN=VIL or VIH Switch to Switch = VCC- VEE 6.0 -6.0 0.1 1.0 2.0 μA |
Similar Part No. - IN74HC4052AD |
|
Similar Description - IN74HC4052AD |