Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD241B Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # BD241B
Description  POWER TRANSISTORS(3A,40W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BD241B Datasheet(HTML) 3 Page - Mospec Semiconductor

  BD241B Datasheet HTML 1Page - Mospec Semiconductor BD241B Datasheet HTML 2Page - Mospec Semiconductor BD241B Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A


Similar Part No. - BD241B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD241B MOTOROLA-BD241B Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Inchange Semiconductor ...
BD241B ISC-BD241B Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BD241B ONSEMI-BD241B Datasheet
108Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Comset Semiconductor
BD241B COMSET-BD241B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Power Innovations Ltd
BD241B POINN-BD241B Datasheet
87Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - BD241B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC2979 MOSPEC-2SC2979 Datasheet
135Kb / 3P
   POWER TRANSISTORS(3A,800V,40W)
2SC3086 MOSPEC-2SC3086 Datasheet
123Kb / 3P
   POWER TRANSISTORS(3A,500V,40W)
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
   POWER TRANSISTORS(7A,40W)
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
   POWER TRANSISTORS(7A,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
   POWER TRANSISTORS(7A,40W)
2SB703 MOSPEC-2SB703 Datasheet
174Kb / 4P
   POWER TRANSISTORS(4.0A,40W)
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
   POWER TRANSISTORS(6A,85V,40W)
2SB633 MOSPEC-2SB633 Datasheet
125Kb / 3P
   POWER TRANSISTORS(6.0A,85V,40W)
2SB826 MOSPEC-2SB826 Datasheet
121Kb / 3P
   POWER TRANSISTORS(12A,50V,40W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com