Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV62208 Datasheet(PDF) 1 Page - Supertex, Inc

Part No. HV62208
Description  32-Channel 256 Gray-Shade High Voltage Driver
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUTEX [Supertex, Inc]
Homepage  http://www.supertex.com
Logo 

HV62208 Datasheet(HTML) 1 Page - Supertex, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HV62208
32-Channel 256 Gray-Shade High Voltage Driver
Absolute Maximum Ratings
Supply voltage, VDD
-0.5V to +7.5V
Supply voltage, V
PP
-0.5V to +80V
Supply voltage, VNN
-15V to 0V
Logic input levels
-0.5 to VDD + 0.5V
Continuous total power dissipation
1.2W
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Notes:
All voltages are referenced to GND.
Maximum V
PP to VNN voltage is 90V.
For operation above 25°C ambient derate linearly to 85°C at 20mW/°C.
Features
❏ HVCMOS® technology
❏ 5V CMOS inputs
❏ Up to 80V output voltage
❏ PWM gray shade conversion
❏ Capable of 256 levels of gray shading
❏ Balanced shift clock complies with RS-422
❏ 8MHz shift and count clock frequency
❏ 16MHz data throughput rate
❏ 8 bit data bus
❏ 32 outputs per device
❏ BLANK function
General Description
Not recommended for new designs. Please use HV632 instead.
The HV622 is a 32-channel gray-shade column driver IC de-
signed for driving electrofluorescent displays. Using Supertex’s
unique HVCMOS® technology, it is capable of 256 levels of gray
shading by PWM conversion.
The shift clock is a balanced clock with electrical characteristics
complying with EIA RS-422 standard. Input data, in groups of
eight, is latched into a set of data latches on both edges of the shift
clock. The data shifted in the first data latch corresponds to
HVOUT1, the second data latch corresponds to HVOUT2, and so on.
These data are compared to the contents of the master binary
counter which counts on both edges of the count clock. Each time
the master counter begins to decrement from 1111 1111, the data
in the data latches are compared with the contents of the counter;
if they match, the corresponding outputs will go high. The master
counter counts down to 0000 0001 and then starts to count up
again. The outputs that are at high will stay at high until the
contents of the counter match the data in the data latches again.
Therefore, the higher the binary data in the data latches, the
longer the outputs will stay at high. Thus, different high voltage
pulse widths are produced. When the counter reaches its
1111 1111 count while counting up, the device is ready for the
next operation cycle. A data value of 0000 0000 produces no
pulse; the output stays low.
The BLANK input signal will reset the master counter to all ones
(1111 1111) and set all high voltage outputs to low.
02/96/022
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
Ordering Information
Package Option
Device
64-Lead 3-Sided Plastic Gullwing
Die
HV62208
HV62208PG
HV62208X


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn