Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD-155B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # ADD-155B
Description  155W Dual Output with Battery Charger(USP Function)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ADD-155B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  ADD-155B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ADD-155B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
FileName:ADD-155-SPEC2008-10-08
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
BATTERY LOW
ACCURRENT (Typ.)
1000ms,90ms/230VAC2000ms,90ms/115VACatfullload
24ms/230VAC20ms/115VACatfullload
88~264VAC124~370VDC
47~63Hz
78%
81%
81%
2.5A/115VAC1.5A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<1mA /240VAC
CH1,CH2:105~135%CH3:0.51~0.9A ratedoutputpower
CH1:15.87~18.63V
10V 0.8V
19.5V(+1.5V,-1V)
39V 2V
CH1:31.74~37.26V
CH1:62.1~72.9V
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisreoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)on+5Vouput
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
164.2Khrsmin.MIL-HDBK-217F(25
)
199*110*50mm(L*W*H)
1Kg;16pcs/16Kg/0.95CUFT
POWERFACTOR (Typ.)
PF>0.92atfullload
ADD-155A
13.8V
9.5A
0~10.5A
152.75W
150mVp-p
CH1:12~14.5V
1.0%
0.5%
1.0%
2.0%
2.0%
3.0%
ADD-155B
ADD-155C
5V
CH2
13.3V
CH3
5V
CH2
5V
CH2
27.1V
CH3
53.5V
CH3
27.6V
CH1
54V
CH1
3A
0.5A
3A
3A
0.5A
0.2A
4.5A
2.3A
0~3A
--------
0~3A
0~3A
--------
--------
0~5A
0~2.5A
152.75W
149.9W
100mVp-p
--------
100mVp-p
100mVp-p
--------
--------
200mVp-p
240mVp-p
CH1:24~29V
CH1:48~58V
--------
--------
--------
--------
--------
--------
--------
--------
--------
1.0%
1.0%
1.0%
3.0%
1.0%
5.0%
0.5%
1.0%
1.0%
0.5%
2.0%
2.0%
155WDualOutputwithBatteryCharger(USP Function)
A D D - 1 5 5 series
Universal AC input / Full range
Built-in active PFC function
Protections: Short circuit / Overload / Over voltage
Battery low/battery polarity protections
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at PFC 67KHz, PWM 134KHz
2 years warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
CH1
OUTPUTNUMBER


Similar Part No. - ADD-155B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ADD-155B ASTRODYNE-ADD-155B Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
More results

Similar Description - ADD-155B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AD-155 ASTRODYNE-AD-155 Datasheet
929Kb / 4P
   155W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
ADD-55 MEANWELL-ADD-55 Datasheet
707Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-55 MEANWELL-ADD-55_10 Datasheet
392Kb / 2P
   55W Dual Output with Battery Charger(USP Function)
ADD-155B MEANWELL-ADD-155B Datasheet
360Kb / 2P
   155W Dual Output with Battery Charger(UPS Function)
logo
Astrodyne Corporation
AD-55 ASTRODYNE-AD-55 Datasheet
1Mb / 4P
   55W Single Output with Battery Charger (USP Function)
logo
Mean Well Enterprises C...
AD-155 MEANWELL-AD-155 Datasheet
429Kb / 2P
   155W Single Output with Battery Charger(UPS Function)
AD-155 MEANWELL-AD-155_11 Datasheet
357Kb / 2P
   155W SINGLE OUTPUT WITH BATTERY CHARGER(UPS FUNCTION)
logo
Astrodyne Corporation
ADD155 ASTRODYNE-ADD155 Datasheet
606Kb / 3P
   155W Dual Output with Battery Charging UPS Function
AD155 ASTRODYNE-AD155 Datasheet
601Kb / 3P
   155W Single Output with Battery Charging UPS Function
logo
Mean Well Enterprises C...
PSC-35 MEANWELL-PSC-35 Datasheet
663Kb / 4P
   35W Single Output with Battery Charger(UPS Function)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com