Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-302-2K5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # A-302-2K5
Description  2500W Modified Sine Wave DC-AC Power Inverter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

A-302-2K5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  A-302-2K5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. A-302-2K5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName: A-301/302-2K5-SPEC2007-05-14
Unit:mm
A-301/302-2K5 series
2500WModifiedSineWaveDC-ACPowerInverter
210
18
119
R6
O/P:230VAC/50HZ
O/P:230VAC/50HZ
ON
ON
OFF
OFF
OVERLOAD
OVERLOAD
OVER TEMP
OVER TEMP
2500WPOWERINVERTER
2500WPOWERINVERTER
POWER
POWER
12
12
11
11
10
10
13
13
14
14
15
15
300
300
240
240
60
60
120
120
180
180
VOLTS
VOLTS
AMPS
AMPS
160
NEG"-"
POS"+"
60
USA
EUROPE


Similar Part No. - A-302-2K5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-302-2K5 MEANWELL-A-302-2K5 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
A-302-2K5_0810 MEANWELL-A-302-2K5_0810 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
More results

Similar Description - A-302-2K5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-302-2K5_0810 MEANWELL-A-302-2K5_0810 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-301-1K0_0810 MEANWELL-A-301-1K0_0810 Datasheet
309Kb / 2P
   1000W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-150 MEANWELL-A-301-150 Datasheet
251Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A301-100 MEANWELL-A301-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-600 MEANWELL-A-301-600 Datasheet
391Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-1K7 MEANWELL-A-301-1K7 Datasheet
259Kb / 2P
   1500W Modified Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com