Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A301-150-B2 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # A301-150-B2
Description  150W Modified Sine Wave DC-AC Power Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

A301-150-B2 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  A301-150-B2 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. A301-150-B2 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. A301-150-B2 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. A301-150-B2 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MechanicalSpecification
AMBIENTTEMPERATURE(
)
10
0
20
30
40
50
60
70
0
60%
70%
80%
100%
50
100
150
200
250
20
40
120
Continue
300
Time
(minute)
20
30
60
70
100
Alwaysplacetheinverterinanenvironmentwhichis:
(A)Wellventilated
(B)Notexposedtodirectsunlightorheatsource
(C)Outofreachfromchildren
(D)Awayfromwater/moistureoilorgrease
(E)Awayfromanyflammablesubstance
Loading
CAUTION
MechanicalSpecification
DeratingCurve
Unit:mm
ACWavefromModifiedSineWave
OutputLoading&Duty
FileName: A-301/302-150-SPEC2007-05-14
ACOUTPUT
165
700
ON
OFF
94
150WModifiedSineWaveDC-ACPowerInverter
A-301/302-150 series


Similar Part No. - A301-150-B2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A301-150-B2 MEANWELL-A301-150-B2 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
More results

Similar Description - A301-150-B2

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A-302-2K5_0810 MEANWELL-A-302-2K5_0810 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-301-1K0_0810 MEANWELL-A-301-1K0_0810 Datasheet
309Kb / 2P
   1000W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-2K5 MEANWELL-A-301-2K5 Datasheet
379Kb / 2P
   2500W Modified Sine Wave DC-AC Power Inverter
A301-100 MEANWELL-A301-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A-301-600 MEANWELL-A-301-600 Datasheet
391Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com