Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A-301-150 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. A-301-150
Description  150W Modified Sine Wave DC-AC Power Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

A-301-150 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMBIENTTEMPERATURE(
)
10
0
20
30
40
50
60
70
0
60%
70%
80%
100%
50
100
150
200
250
20
40
120
Continue
300
Time
(minute)
20
30
60
70
100
Alwaysplacetheinverterinanenvironmentwhichis:
(A)Wellventilated
(B)Notexposedtodirectsunlightorheatsource
(C)Outofreachfromchildren
(D)Awayfromwater/moistureoilorgrease
(E)Awayfromanyflammablesubstance
Loading
CAUTION
FileName: A-301/302-150-SPEC2007-05-14
MechanicalSpecification
DeratingCurve
Unit:mm
122
700
45
A-301/302-150 series
150WModifiedSineWaveDC-ACPowerInverter
ACWavefromModifiedSineWave
OutputLoading&Duty


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A301-100100W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-1K01000W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-1K71500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
A-301-2K52500W Modified Sine Wave DC-AC Power Inverter 1 2 Mean Well Enterprises Co., Ltd.
PN200501500VA001500VA Pure Sine Wave Inverter 1 2 3 4 5 List of Unclassifed Manufacturers
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
CDRH127BPOWER INDUCTORS 1 2 Sumida Corporation
BD9883FVDC-AC Inverter Control IC 1 2 3 4 5 MoreRohm
HS1414 pin Dual-in-line Sine Wave Clock Oscillators 1 EUROQUARTZ limited
OC30E5AAT-Cut Crystal - Sine Wave - 5.0 Volts 1 EUROQUARTZ limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn