Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-301-150 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # A-301-150
Description  150W Modified Sine Wave DC-AC Power Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

A-301-150 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  A-301-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. A-301-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. A-301-150 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. A-301-150 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
A301-150-B2
A302-150-B2
ORDERNO.
SAFETY MODEL NO.
ACVOLTAGE
RATEDPOWER
SURGEPOWER
WAVEFORM
OUTPUT
FREQUENCY
ACREGULATION
STANDARDRECEPTACLES
NOLOADCURRENTDRAW
DCVOLTAGE
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCONNECTOR
DCCURRENT
INPUT
ENVIRONMENT
FUSE
SAFETY &
EMC
BAT.LOW ALARM
BAT.LOWSHUTDOWN
OVERVOLTAGE
OVERTEMPERATURE
OUTPUTSHORT
BAT.POLARITY
MTBF
OTHERS
APPLICATIONS
PROTECTION
110V
A-300-150W
150W
300W
Modifiedsinewave
60Hz 1%
10A
0.2A
24V
21~30VDC
82%
10A*1ea
20.5 1V
19.5 1V
30~32V
10%
TYPE-2*1ea
0.25A
12V
10~15VDC
78%
15A
15A*1ea
10 0.5V
9.5 0.5V
15~17V
60 5
/140 9 F
o
Shut-off;Broken
Byfuseopen
FileName: A-301/302-150-SPEC 2007-05-14
ISOLATIONRESISTANCE
I/P-O/P:100MOhms/500VDC /25
/70%RH
200Khrsmin.MIL-HDBK-217F(25
)
DIMENSION
122*73*45mm(L*W*H)
COOLING
Byairconvection
PACKING
0.5Kg;30pcs/17Kg/CARTON
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
0~30
@100%load,40
@50%load
20%~90%RHnon-condensing
-30~+70
/-22~+158 F,10~95%RH
o
0.05%/
(0~50
)
700mmCigarette plug*1ea
700mmCigarette plug*1ea
110V
A-300-150W
150W
300W
Modifiedsinewave
60Hz 1%
10%
TYPE-2*1ea
Germany
EMC
tested
E S
Germany
LVD
tested
E S
EMSIMMUNITY
CompliancetoEN61000-4-2,3
LVD
CompliancetoEN60950
TYPE-1
JAPAN
TYPE-2
USA
TYPE-3
EUROPE
TYPE-4
UNIVERSAL
TYPE-5
AUSTRALIA
TYPE-6
U.K
ACOutputReceptacles(optional)
CompliancetoEN55022classB,72/245/CEE,95/54/CE
Homeappliance,Powertools,OfficeandPortableequipmentandVehicle...etc.
LEDINDICATOR
GreenLEDforpoweron
150WModifiedSineWaveDC-ACPowerInverter
A-301/302-150 series
12V or 24V DC input
Power ON-OFF switch
Input voltage range: -15% ~ +25%
Output voltage regulation: 10%
Protections: Bat. Low alarm/Bat. Low shutdown/Over voltage/
Over temp./Output short/Input polarity reverse/Over load.
Output waveform: Modified sine wave
Topology: Microprocessor
Approvals: e13/ CE
1 year warranty
Features :
EMICONDUCTION&RADIATION


Similar Part No. - A-301-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
logo
Ultralife Corporation.
A-301-150 ULTRALIFE-A-301-150 Datasheet
744Kb / 2P
   Satellite Radio Combiner
5/28/14
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
More results

Similar Description - A-301-150

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A-301-150 MEANWELL-A-301-150_08 Datasheet
366Kb / 4P
   150W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A-302-2K5_0810 MEANWELL-A-302-2K5_0810 Datasheet
380Kb / 2P
   2500W MODIFIED SINE WAVE DC - AC POWER INVERTER
A-301-1K7_0810 MEANWELL-A-301-1K7_0810 Datasheet
282Kb / 2P
   1500W MODIFIED SINE WAVE DC-AC POWER INVERTER
A-301-1K0 MEANWELL-A-301-1K0 Datasheet
307Kb / 2P
   1000W Modified Sine Wave DC-AC Power Inverter
A-301-1K0_0810 MEANWELL-A-301-1K0_0810 Datasheet
309Kb / 2P
   1000W MODIFIED SINE WAVE DC-AC POWER INVERTER
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
A-301-2K5 MEANWELL-A-301-2K5 Datasheet
379Kb / 2P
   2500W Modified Sine Wave DC-AC Power Inverter
A301-100 MEANWELL-A301-100 Datasheet
224Kb / 2P
   100W Modified Sine Wave DC-AC Power Inverter
A-301-600 MEANWELL-A-301-600 Datasheet
391Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com